Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT7000
Description  4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT7000 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT7000 Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tw/t
@ 50%VD
@25°C
The ACT7000 / 7007 are 4-pin through hole Voltage Controlled Crystal Oscillators (VCXO) housed
industry standard full size and half size metal cans. Just over 5mm high, they are suitable for
closely packed applications where surface mount is not desirable or some degree of screening is
required. These devices can be tuned between ±30ppm & ±200ppm from the nominal frequency by
varying the voltage on pin 1.
0 ~ +70°C
Specification
http://www.actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
Customer Specification Information : Package, Frequency, Frequency Stability, Operating temperature range, Supply Voltage, Pulling Range & Polarity
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Tr/Tf
N/CL
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
-40 ~ +85°C
Please specify
Conditions
Please specify
Input impedance
Aging
Fa
Duty Cycle
Start Up Time
Tosc
± 5ppm / year max
0.3 ~ 3.0V
0.5 ~ 4.5V
Frequency dependant
Iop
ACT7000 Series
Specification
Symbol
Parameter
Supply Voltage
Vdd
3.3VDC ±5%
5.0VDC ±5%
Frequency Range
Supply Current
fo
Δf/fo
Topr
Tstg
0.5 MHz ~ 100 MHz
0.5 MHz ~ 156 MHz
0.5 MHz ~ 90 MHz
0.5 MHz ~ 140 MHz
±25ppm ~ 100ppm
Rise & Fall Time
Frequency Stability
Temp Operating Range
Storage Temp Range
Output Load
Output Voltage
Pulling Range
Voltage Control Range
VOL
VOH
Δfc
Vc
0 to +70°C (std) & -40 ~ +85°C
- 40 to 85°C
15 ~ 45mA
TTL 5nS max, 2nS typ.
CMOS 5nS max, 2nS typ.
5 ~ 10TTL / 15 ~ 50pF
0.4V max
0.4V max TTL:
Measured between 0.4V ~ 2.4V (RL=390
Ω; CL=15pF)
Measured between 10 ~ 90%VDD (CL=15pF)
40/60%
10mS max
(Vcontrol)10K
Ω @ 10KHz
TTL measured @ +1.4V, CMOS
0.33V max
0.5V max CMOS
2.97V min
Vcc -0.5V min CMOS
2.4V min
2.4V min TTL
±30 ~ ±150ppm
±80 ~ ±200ppm
20.2 max
12.8 max
6.35 max
0.45
15.24 ± 0.2
7.62 ± 0.2
5.3
10.7
18.3
5.08 max
0.8
10.7 ± 0.2
12.8 max
10.8 ± 0.1
12.8 max
0.45
0.8
7.62 ± 0.2
1
4
5
8
17
8
14
ACT7000
ACT7007
Dimensions in mm
10.8 ± 0.1
5.08 max
6.35 max
7.62 ± 0.2
Pin Connections
7000
1
7
8
14
1
4
5
8
Voltage Control
Ground
Output
Supply Voltage
7007
Issue: 3 M6
Date 10/08/04


Similar Part No. - ACT7000

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
ACT 7000SC 64-Bit Superscaler Microprocessor
More results

Similar Description - ACT7000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-400 VECTRON-VC-400 Datasheet
78Kb / 4P
Voltage Controlled Crystal Oscillators (VCXO?셲)
logo
Advanced Crystal Techno...
ACT7CSV-6 ACT-ACT7CSV-6 Datasheet
253Kb / 3P
6-pad miniature SMD Voltage Controlled Crystal Oscillators (VCXO)
26/08/2005
ACT8MSV ACT-ACT8MSV Datasheet
116Kb / 2P
4/6-pad surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/09/04
logo
Kyocera Kinseki Corpota...
KV5032C-C3 KSS-KV5032C-C3 Datasheet
120Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050A KSS-KV7050A Datasheet
129Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050B-C3 KSS-KV7050B-C3 Datasheet
131Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050C-P3 KSS-KV7050C-P3 Datasheet
140Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050G-P3 KSS-KV7050G-P3 Datasheet
126Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050R-P3 KSS-KV7050R-P3 Datasheet
125Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
logo
Mercury United Electron...
G326 MERCURY-G326 Datasheet
74Kb / 1P
Voltage Controlled Crystal Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com