Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2405SD-135-RTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2405SD-135-RTP
Description  2.4GHz 5dBi SPACIAL DIVERSITY PATCH ANTENNA W/ PIGTAILS AND CONNECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2405SD-135-RTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2405SD-135-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MAY OCCUR
06/09/11
A
B
C
B.PUCHASKI
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG2405SD-135
B
HG2405SD-135.SLDDRW
11
P.PESA
06/09/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
06/09/11
06/09/11
A
B
INITIAL RELEASE
ECN 8249 ADD CABLE LENGTHS TO CHART
02/02/16
B.PUCHASKI
B.PUCHASKI
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
W/ PIGTAILS AND CONNECTORS
ANTENNA
PROJECTION
UNLESS OTHERWISE SPECIFIED,
43321
2.4GHz 5dBi SPACIAL DIVERSITY PATCH ANTENNA
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°
MODEL# HG2405SD-135-
SUFFIX
CONNECTOR TYPE
PIGTAIL LENGTH
NF
N-FEMALE
1 FOOT
NM
N-MALE
4 FEET
RSP
RP SMA-PLUG
4 FEET
RSJ
RP SMA-JACK
4 FEET
RTP
RP TNC-PLUG
4 FEET
RTJ
RP TNC-JACK
4 FEET
RNP
RP N-PLUG
4 FEET
RNJ
RP N-JACK
4 FEET
SM
SMA MALE
4 FEET
SF
SMA FEMALE
4 FEET
TM
TNC MALE
4 FEET
TF
TNC FEMALE
4 FEET
BM
BNC MALE
4 FEET
RBP
RP BNC PLUG
4 FEET
RBJ
RP BNC JACK
4 FEET
WM
WAVE RIDER COMPATIBLE TYPE
4 FEET
QPR
QMA PLUG RIGHT ANGLE
4 FEET
QP
QMA PLUG
4 FEET
NOTES:
PACKAGING:
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
WITH L-COM SPEC PKG-00012
- ALL DIMENSIONS FOR REFERENCE ONLY -
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
B
SEE CHART
FOR CABLE
LENGTH
142.9
5.63
.166 4.22
FOR #6 SCREW
(4X)
6.17 156.7
2.21 56.1
SEE CHART FOR
CONNECTOR TYPE


Similar Part No. - HG2405SD-135-RTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2405SD-135-RSP L-COM-HG2405SD-135-RSP Datasheet
37Kb / 1P
2.4GHz 5dBi SPACIAL DIVERSITY PATCH ANTENNA W/ PIGTAILS AND CONNECTORS
06/09/11
More results

Similar Description - HG2405SD-135-RTP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2830 MAXIM-MAX2830_11 Datasheet
777Kb / 33P
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
logo
List of Unclassifed Man...
SWLP2450124B02 ETC2-SWLP2450124B02 Datasheet
1Mb / 13P
12mm*12mm*4mm 2.4GHz SMD Patch Antenna
WPC25A070150C ETC2-WPC25A070150C Datasheet
416Kb / 9P
2.4GHz Ceramic Patch Antenna on integral ground with cable and connector
logo
Level One
OAN-0501 LVL1-OAN-0501 Datasheet
137Kb / 2P
Omni-directional 5dBi Indoor Antenna
WAN-7100 LVL1-WAN-7100 Datasheet
461Kb / 3P
2.4GHz 10.5dBi Directional Dual-Polarization Patch Antenna Kit
logo
Taoglas antenna solutio...
GW.71.5153 TAOGLAS-GW.71.5153 Datasheet
945Kb / 28P
5dBi High Performance Antenna
ISPC91A090092E TAOGLAS-ISPC91A090092E Datasheet
1Mb / 17P
5dBi ISM Band 915MHz Embedded Ceramic Patch Antenna with Cable and Connector
SWLP2450124B02 TAOGLAS-SWLP2450124B02 Datasheet
1Mb / 18P
12*12*4mm 2.4GHz SMD Patch Antenna
WPC25A070150C TAOGLAS-WPC25A070150C Datasheet
488Kb / 10P
2.4GHz Ceramic Patch Antenna on integral ground
logo
PANDUIT CORP.
F52ERLNLNSNM001 PANDUIT-F52ERLNLNSNM001 Datasheet
198Kb / 2P
Opti-Core짰 Fiber Optic Patch Cords and Pigtails
4/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com