Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF127BL55N1 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M68AF127BL55N1
Description  1Mbit 128K x8, 5V Asynchronous SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF127BL55N1 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M68AF127BL55N1 Datasheet HTML 15Page - STMicroelectronics M68AF127BL55N1 Datasheet HTML 16Page - STMicroelectronics M68AF127BL55N1 Datasheet HTML 17Page - STMicroelectronics M68AF127BL55N1 Datasheet HTML 18Page - STMicroelectronics M68AF127BL55N1 Datasheet HTML 19Page - STMicroelectronics M68AF127BL55N1 Datasheet HTML 20Page - STMicroelectronics M68AF127BL55N1 Datasheet HTML 21Page - STMicroelectronics M68AF127BL55N1 Datasheet HTML 22Page - STMicroelectronics M68AF127BL55N1 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
M68AF127B
22/23
REVISION HISTORY
Table 15. Document Revision History
Date
Version
Revision Details
August 2001
1.0
First Issue.
18-Oct-2001
2.0
SO32 Package Mechanical and Data added (Figure 1, 3 and 16, Table 10).
29-Nov-2001
3.0
Note removed from Ordering Information Scheme.
06-Mar-2002
4.0
Document status changed to Data Sheet.
17-May-2002
5.0
Document globally revised.
31-May-2002
6.0
PDIP32 Package added (Figure 1, 4 and 17, Table 11).
Chip Enable Low VCC Data Retention clarified (Figure 14 and 15, Table 9).
09-Sep-2002
6.1
TSOP32 8x13.4mm and TSOP32 8x20mm packages added (Figure 1, 5, 18 and 19,
Table 12, 13 and 14).
Commercial code clarified.
02-Oct-2002
6.2
Title and header layout modified.
09-Oct-2002
6.3
Datasheet number simplified.
16-Apr-2003
6.4
Label corrected on “E2 Controlled, Low VCC Data Retention AC Waveforms” figure.
08-Aug-2003
6.5
TSOP Package connections modified (Figure 5).
Test conditions for ICCDR modified in Table 9, Low VCC Data Retention
Characteristics.
21-Aug-2003
6.6
TSOP Package connections modified (Figure 5).
24-Sep-2004
7
Document structure modified:
–
Chapter OPERATION moved before chapter MAXIMUM RATING.
–
AC Characteristics Tables and waveforms moved to the DC/AC PARAMETERS
section.
tPU ad tPD updated in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com