Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC648B1R Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC648B1R
Description  HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC648B1R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC648B1R Datasheet HTML 3Page - STMicroelectronics M74HC648B1R Datasheet HTML 4Page - STMicroelectronics M74HC648B1R Datasheet HTML 5Page - STMicroelectronics M74HC648B1R Datasheet HTML 6Page - STMicroelectronics M74HC648B1R Datasheet HTML 7Page - STMicroelectronics M74HC648B1R Datasheet HTML 8Page - STMicroelectronics M74HC648B1R Datasheet HTML 9Page - STMicroelectronics M74HC648B1R Datasheet HTML 10Page - STMicroelectronics M74HC648B1R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
-40 to 85
oC
Min.
Typ.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay Time
(SELECT - BUS)
2.0
50
81
170
215
ns
4.5
23
34
43
6.0
20
29
37
2.0
150
98
210
265
ns
4.5
28
42
53
6.0
24
36
45
tPZL
tPZH
3-State Output Enable Time
(G, DIR)
2.0
50
RL =1 K
Ω
84
175
220
ns
4.5
24
35
44
6.0
20
30
37
2.0
150
RL =1 K
Ω
102
215
270
ns
4.5
29
43
54
6.0
25
37
46
tPLZ
tPHZ
Output Disable Time
(G, DIR)
2.0
50
RL =1 K
Ω
60
175
220
ns
4.5
23
35
44
6.0
20
30
37
fMAX
Maximum Clock Frequency
2.0
50
6
19
4.8
MHz
4.5
30
67
24
6.0
35
79
28
tW(H)
tW(L)
Minimum Clock Pulse Width
2.0
50
30
75
95
ns
4.5
7
15
19
6.0
6
13
16
ts
Minimum Set-up Time
2.0
50
16
50
65
ns
4.5
4
10
13
6.0
3
9
11
th
Minimum Hold Time
2.0
50
55
ns
4.5
5
5
6.0
5
5
CIN
Input Capacitance
5
10
10
pF
CI/O
Bus Terminal Capacitance
10
pF
CPD (*)
Power Dissipation Capacitance
for HC646
for HC648
39
38
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/8 (per bit)
M74HC646/648
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com