Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2408MGUR-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2408MGUR-RSP
Description  2.4 GHz 8dBi OMNI ANTENNA W/MAG MOUNT, 10 FOOT 195 SERIES CABLE AND CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2408MGUR-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2408MGUR-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
PACKAGING:
EACH COMPONENT SHALL BE INDIVIDUALLY PACKAGED
IN ACCORDANCE WITH L-COM SPECIFICATION PKG-00012
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
MODEL# HG2408MGUR-
NF
N-FEMALE
NM
N-MALE
RSP
RP SMA-PLUG
RSJ
RP SMA-JACK
RTP
RP TNC-PLUG
RTJ
RP TNC-JACK
RNP
RP N-PLUG
RNJ
RP N-JACK
SM
SMA MALE
SF
SMA FEMALE
TM
TNC MALE
TF
TNC FEMALE
BM
BNC MALE
RBP
RP BNC PLUG
RBJ
RP BNC JACK
WM
WAVE RIDER COMPATIBLE TYPE
AM
ORiNOCO COMPATIBLE TYPE
QP
QMA PLUG RIGHT ANGLE
FLEX-SPRING COIL
2.4 GHz 8dBi OMNI ANTENNA W/MAG MOUNT,
MAY OCCUR
02/18/15
A
B
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
B.PUCHASKI
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG2408MGUR
A
HG2408MGUR.SLDDRW
11
K.BURGNER
02/18/15
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
02/18/15
02/18/15
A
INITIAL RELEASE
D.GRIFFIN
-
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
10 FOOT 195 SERIES CABLE AND CONNECTOR
ANTENNA
PROJECTION
FSCM NO.
43321
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°
SHIPPED UNASSEMBLED
ANTENNA AND MAG BASE
COAXIAL
CABLE
10 FOOT
SEE CHART FOR
CONNECTOR TYPE
3.5 89


Similar Part No. - HG2408MGUR-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2408MGUR-RTP L-COM-HG2408MGUR-RTP Datasheet
26Kb / 1P
2.4 GHz 8dBi OMNI ANTENNA W/MAG MOUNT, 10 FOOT 195 SERIES CABLE AND CONNECTOR
02/18/15
More results

Similar Description - HG2408MGUR-RSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMB24208F21 ETC2-OMB24208F21 Datasheet
386Kb / 10P
Barracuda - Omni-Directional Outdoor Antenna 2.4 - 2.5 GHz 8dBi
logo
World Produts Inc.
WPANT30028-SA WPI-WPANT30028-SA Datasheet
231Kb / 4P
2.4 GHz High Gain TRUE-OMNI Antenna
WPANT30059-RA WPI-WPANT30059-RA Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30083-R2A WPI-WPANT30083-R2A Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30096-R1A WPI-WPANT30096-R1A Datasheet
65Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
logo
Level One
WAN-1160 LVL1-WAN-1160 Datasheet
188Kb / 2P
6dBi/ 8dBi Dual-Band 2.4/5 GHz Directional Antenna
logo
Taoglas antenna solutio...
OMB868B08F21 TAOGLAS-OMB868B08F21 Datasheet
771Kb / 10P
868MHz 8dBi Omni Directional Outdoor Antenna
logo
World Produts Inc.
WPANT30028-SA WPI-WPANT30028-SA_15 Datasheet
224Kb / 4P
2.4 GHz High Gain TRUE-OMNI Antenna
WPANT30134 WPI-WPANT30134 Datasheet
100Kb / 2P
3G Cellular Mag-mount Omni-directional Antenna
WPANT30150 WPI-WPANT30150 Datasheet
112Kb / 3P
2.4 GHz Wi-Fi Omni-directional Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com