Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2409PCR-RSP Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # HG2409PCR-RSP
Description  HyperLink 2.4 GHz 8 dBi Wireless LAN Circular Polarized Flat Patch Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2409PCR-RSP Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  HG2409PCR-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2409PCR-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG2409PCR-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Model: HG2409PCR
Mounting Options
Hyperlink's patch antennas offer several unique mounting options. They can be mounted flat against a wall, or to a mast using a
pair of 2 inch U-bolts. The antennas also accept most tilt-and-swivel security camera brackets equipped with standard 1/4-20
threads.
Description
Part Number
Small Metal Tilt-and-Swivel Mounting Bracket for indoor wall mounting.
Includes wall-mounting hardware.
HGX-PMT02
Medium Plastic Tilt-and-Swivel Mounting Bracket for indoor wall mounting.
Includes wall-mounting hardware.
HGX-PMT03
Large Metal Tilt-and-Swivel Mounting Bracket for indoor and outdoor wall or
mast mounting. Includes wall-mounting hardware. Can be mast-mounted
using U-Bolt Kit (sold separately).
HGX-PMT04
Universal Antenna Mount powder coated galvanized steel “DSS-style” arm
for outdoor wall mounting. Requires a pair of 2 inch U-bolts (sold
separately).
HGX-UMOUNT
Stationary Mounting Kit for mounting to 1-1/4" to 2" dia. masts. Includes U-
Bolts, nuts and mast clamp.
HGX-PMT07
60 Degree Tilt-and-Swivel Mounting Kit for mounting to 1-1/4" to 2" dia.
masts. Mounting hardware included.
HGX-PMT06
Ceiling/Wall Universal Antenna Mount can be used with HyperLink's 4.5" sq
and 8.5" sq. patch antennas as well as N-Type bulkhead and TNC/BNC
bulkhead omni directional antennas. Includes ceiling/wall mounting
hardware.
HGX-UMOUNT02
Window Mounting Kit Includes suction cups and mounting hardware.
HGX-PMT08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com