Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2409RD-RTP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG2409RD-RTP
Description  HyperLink Wireless 2.4 GHz 9 dBi Reverse PolarityTNC High Performance "Rubber Duck" Wireless LAN Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2409RD-RTP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG2409RD-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2409RD-RTP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Electrical Specifications
Frequency
2400-2500 MHz
Gain
9 dBi
Horizontal Beam Width
360°
Vertical Beam Width
25°
Impedance
50 Ohm
Max. Power
50W
VSWR
< 1.5:1
Mechanical Specifications
Weight
23.9 oz. (680 g)
Length
15.2" (388 mm)
Max. Diameter
0.50" (12.7 mm)
Finish
Matte Black
Connector
Reverse Polarity TNC Plug
Operating Temperature
-40° C to 60° C
(-40° F to 140° F)
Polarization
Vertical
RoHS Compliant
Yes
RF Antenna Patterns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com