Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC75 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC75
Description  4 BIT D TYPE LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC75 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC75 Datasheet HTML 1Page - STMicroelectronics M74HC75 Datasheet HTML 2Page - STMicroelectronics M74HC75 Datasheet HTML 3Page - STMicroelectronics M74HC75 Datasheet HTML 4Page - STMicroelectronics M74HC75 Datasheet HTML 5Page - STMicroelectronics M74HC75 Datasheet HTML 6Page - STMicroelectronics M74HC75 Datasheet HTML 7Page - STMicroelectronics M74HC75 Datasheet HTML 8Page - STMicroelectronics M74HC75 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
August 2001
s
HIGH SPEED :
tPD = 11ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 75
DESCRIPTION
The M74HC75 is an high speed CMOS 4 BIT D
TYPE LATCH fabricated with silicon gate C2MOS
technology.
It contains two groups of 2 bit latches controlled by
an enable input (G1
•2 or G3•4). These two latch
groups can be used in different circuits. Each latch
has Q and Q outputs (1Q - 4Q and 1Q - 4Q). The
data applied to the data input is transferred to the
Q and Q outputs when the enable input is taken
high and the outputs will follow the data input as
long as the enable input is kept high. When the
enable input is taken low, the information data
applied to the data input is retained at the outputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC75
4 BIT D TYPE LATCH
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC75B1R
SOP
M74HC75M1R
M74HC75RM13TR
TSSOP
M74HC75TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
01-Jun-2004
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
Dec-1992
M74HC75B1R STMICROELECTRONICS-M74HC75B1R Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
01-Jun-2004
M74HC75B1R STMICROELECTRONICS-M74HC75B1R Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
Dec-1992
M74HC75C1R STMICROELECTRONICS-M74HC75C1R Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
01-Jun-2004
More results

Similar Description - M74HC75

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
4-BIT D LATCH
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
4-BIT D LATCH
logo
STMicroelectronics
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
01-Jun-2004
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Oct-1992
M54HCT75 STMICROELECTRONICS-M54HCT75 Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
Dec-1992
M74HC77 STMICROELECTRONICS-M74HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Aug-2001
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
4 BIT D TYPE LATCH
Sep-2001
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
250Kb / 10P
RAD HARD 4 BIT D TYPE LATCH
01-Jun-2004
logo
Toshiba Semiconductor
TC74HC375AP TOSHIBA-TC74HC375AP Datasheet
318Kb / 9P
4-Bit D Type Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com