Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXC Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # FXC
Description  Large, screw mount clamp with an easy adjustable arm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

FXC Datasheet(HTML) 1 Page - KITAGAWA GmbH

  FXC Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
(
:
)
Features
● Pushing down the keeper bar to secure wire
bundles.
● Bar height is adjustable to cable volume by small
pitch.
● Easily unlock the bar by pinching.
FLEXIBLE CLAMP / FXC
●
●
(
:
)
Keeper Bar,
moved up and down
with one hand.
(Applicable screw:Nominal diameter 4mm
Small flat head or oval head screw)
Screw mounting
Round hole
● Nylon 66(Color:Natural)
:FXC-2030-V0
:FXC-3240
Material
UL94 V-0
UL94 V-2
Part No.
Bundle diameter Std. Package
AC-13-R
φ12~13.5
100 pcs.
ARC.68-A-14
ARC.68-S6-14
φ4.8~17.3
Adhesive tape
Screw
Part No.
Mounting method Bundle diameter
100 pcs.
Std. Package
① Pinch and pull up
② Open
Part No.
Mounting hole size Std. Package
FXC-2030-V0
FXC-3240
(A) (B)
36
48
20
32
37
46.3
30
39.3
9±0.1
15±0.1
Refer to
Specification
drawing
100
pcs.
(C)
E
(D)
(Unit:mm)
(Unit:mm)
(Unit:mm)
② Open
※
φ
3.9
25.4
φ3.2
30
15
(A)
(B)
8.5
(φ10.5)
Specification drawing
E
φ
3+0.10
φ
4.2 +0.10
Large, screw mount clamp with an easy adjustable arm
Dedicated accessories
for FXC
FXCW-6040-V0
P81
60


Similar Part No. - FXC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
FXC RUBYCON-FXC Datasheet
155Kb / 1P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
LEMO Connectors
FXC.4A.675.CTCC11 LEMO-FXC.4A.675.CTCC11 Datasheet
64Kb / 3P
Plug - Straight
FXC.4A.675.CTCC11Z LEMO-FXC.4A.675.CTCC11Z Datasheet
64Kb / 3P
Plug - Straight
FXC.4A.675.CTCC13 LEMO-FXC.4A.675.CTCC13 Datasheet
64Kb / 3P
Plug - Straight
FXC.4A.675.CTCC13Z LEMO-FXC.4A.675.CTCC13Z Datasheet
64Kb / 3P
Plug - Straight
More results

Similar Description - FXC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
Low Noise Amplifier Adjustable Current with an External Resistor
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
Adjustable Current with an External Resistor
logo
Omron Electronics LLC
D2FW-G OMRON-D2FW-G_12 Datasheet
500Kb / 4P
Single-point mounting with an M4 screw
logo
Tripp Lite. All Rights ...
DDR1727DC TRIPPLITE-DDR1727DC Datasheet
166Kb / 2P
Dual-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 27??Monitors
DDR1732SC TRIPPLITE-DDR1732SC Datasheet
164Kb / 3P
Single-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 32??Monitors
logo
Schneider Electric
GP2E01 SCHNEIDER-GP2E01 Datasheet
96Kb / 2P
Manual motor controller, Easy TeSys, 3P, 0.1-0.16 A, thermal magnetic, screw clamp terminals
May 7, 2021
GP2E02 SCHNEIDER-GP2E02 Datasheet
118Kb / 2P
Manual motor controller, Easy TeSys, 3P, 0.16-0.25 A, thermal magnetic, screw clamp terminals
May 7, 2021
GP2E20 SCHNEIDER-GP2E20 Datasheet
118Kb / 2P
Manual motor controller, Easy TeSys, 3P, 13-18 A, thermal magnetic, screw clamp terminals
May 7, 2021
GP2E22 SCHNEIDER-GP2E22 Datasheet
118Kb / 2P
Manual motor controller, Easy TeSys, 3P, 20-25 A, thermal magnetic, screw clamp terminals
May 7, 2021
GP2E32 SCHNEIDER-GP2E32 Datasheet
118Kb / 2P
Manual motor controller, Easy TeSys, 3P, 24-32 A, thermal magnetic, screw clamp terminals
May 7, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com