Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCA Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # KCA
Description  UV and heat resistant fluoro resin clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

KCA Datasheet(HTML) 1 Page - KITAGAWA GmbH

  KCA Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
(
:
)
HEAT RESISTANT CABLE CLAMP / KCA
Features
● Made of heat, weather, chemical and radiation
resistant fluorocarbon resin.
Material
● ETFE
(Color:Blue)
UL94 V-0
Fluorocarbon
resin, resistant to
severe
environment.
Screw mounting
(Unit:mm)
(Unit:mm)
…
Part No.
D
C
E
F
(G)
H
N
Inner diameter
Inner hole
Outer hole Center hole
Std. Package
Type
Diameter and dimension
(φA) φB
3.0
4.6
5.6
7.4
10.0
10.7
11.9
13.5
14.0
16.8
17.8
20.8
21.3
24.4
26.7
37.3
51.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
11.9
13.5
-
-
-
-
-
-
-
-
-
-
-
-
11.9
13.5
15.1
19.8
24.6
9.5
10.3
11.1
11.9
12.7
13.5
14.3
15.1
15.9
17.5
18.2
19.0
19.8
21.4
23.0
27.8
34.1
3.3
5.3
6.8
8.4
10.6
12.2
13.2
15.2
16.0
19.0
19.8
22.1
22.9
26.9
29.2
39.4
52.1
A
B
C
NK-2N
NK-3N
NK-4N
NK-5N
NK-6N
NK-7N
NK-8N
NK-9N
NK-10N
NK-11N
NK-12N
NK-13N
NK-14N
NK-16N
NK-18N
NK-24N
NK-32N
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
35.0
46.2
-
-
-
-
-
-
-
-
-
-
-
-
18.5
22.3
24.1
31.2
43.7
4.8
4.8
6.3
6.3
3.2
7.9
9.5
1.1
1.8
9.5
12.7
4.3
5.1
Part No.
φB
Max bundle diameter
Std. Package
(A)
KCA-34
KCA-44
KCA-54
KCA-64
17.5
19.0
20.9
23.7
φ4.3
φ5.9
φ7.5
φ9.1
100
pcs.
5.1
6.9
8.8
10.8
(Applicable screw :
Nominal diameter 4mm
)
100
pcs.
50
pcs.
25 pcs.
1565
UV and heat resistant fluoro resin clamp
φB
C
F
(φA)
(φA)
φB
F
C
D
(φA)
φB
E
D
C
F
(A)
4
φ4.3
50


Similar Part No. - KCA

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
KCA PREMO-KCA Datasheet
253Kb / 2P
Keylock cylinder antenna
logo
Cooper Bussmann, Inc.
KCA COOPER-KCA Datasheet
716Kb / 6P
250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KCA EATON-KCA Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
Leach International Cor...
KCA LEACH-KCA Datasheet
447Kb / 5P
RELAY – NONLATCH – AC COIL 3PDT, 25 AMP
logo
PREMO CORPORATION S.L
KCA-A-0930J PREMO-KCA-A-0930J Datasheet
253Kb / 2P
Keylock cylinder antenna
More results

Similar Description - KCA

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S8658WPR LSTD-S8658WPR Datasheet
637Kb / 1P
Weather and UV resistant radome
S9025P LSTD-S9025P Datasheet
737Kb / 2P
Weather and UV resistant radome
S9028PCL LSTD-S9028PCL Datasheet
694Kb / 1P
Weather and UV resistant radome
PAL86518H-FNF LSTD-PAL86518H-FNF Datasheet
2Mb / 1P
Weather and UV resistant radome
logo
Taoglas antenna solutio...
MA106.C.LB.001 TAOGLAS-MA106.C.LB.001 Datasheet
1Mb / 30P
UV and vandal resistant PC housing
RG.02.01.3000W TAOGLAS-RG.02.01.3000W Datasheet
720Kb / 13P
UV and Vandal resistant ABS housing
RG.02.02.3000W TAOGLAS-RG.02.02.3000W Datasheet
730Kb / 13P
UV and Vandal resistant PP housing
MA515.C.CG.001 TAOGLAS-MA515.C.CG.001 Datasheet
1Mb / 15P
UV and vandal resistant PE housing
RI.02.01.3000W TAOGLAS-RI.02.01.3000W Datasheet
678Kb / 12P
UV and Vandal resistant PP housing
RI.02.02.3000W TAOGLAS-RI.02.02.3000W Datasheet
693Kb / 12P
UV and Vandal resistant PP housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com