Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM-2L Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # LM-2L
Description  Adhesive-mount clamp with twist locking of cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

LM-2L Datasheet(HTML) 1 Page - KITAGAWA GmbH

  LM-2L Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
●
(
:
)
4
11.8
(9)
A
(Unit:mm)
Part No.
B
Mounting hole size
C
VLUAMS-09-M3-V0
M3 screw hole
(Thread pitch:0.5)
≦1
A
≧φ12
≧5
Std. Package
500 pcs.
Part No.
A
6
11
13
B
3
4.9
12.7
(C)
D
19.19
29.49
39.13
11.4
16.6
18.6
E
≧φ12
≧φ15
F
≦1
≦1
G
≧5
≧6
VLBWS-0306-M3-V0
VLBWS-0511-M4-V0
VLBWS-1313-M4-V0
(Unit:mm)
●
●
●
(
:
)
E
M3
(0.5)
M4
(0.7)
Mounting hole size
**
D
A
10.5
4
D
A
5
11.6
OMEGA HOLDER / LM
UL94 V-2 (V-0*)
●
Can be mounted with adhesive tape
●
Cost saving and easy locking/un-locking
● Nylon 66 (Color: Natural)
* For V0 type, “V0” is added to the end of the part No.
(With regard to lot size and lead time, please contact us.)
Features
Material
Part No.
A
B
C
D
CLOSED (D)
Std. Package
LM-1
31.9
20.0
20.0
15.0
13.8
250
LM-2
26.2
20.0
14.0
9.2
8.5
500
LM-2L
27.9
25.0
13.0
9.4
8.2
LM-3
28.2
21.0
19.0
11.1
10.0
LM-5
56.2
38.0
20.0
36.0
34.0
100
LM-6
27.6
10.0
19.8
6.6
5.8
500
LM-7
21.9
20.0
13.0
8.5
7.2
LM-16
37.0
25.0
13.0
18.0
17.0
250
LM-19
39.0
25.0
13.0
21.0
20.0
LM-22
41.0
28.0
15.0
24.0
23.0
(Unit: mm)
Adhesive-mount clamp with twist locking of cable
40


Similar Part No. - LM-2L

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
LM-20 COHERENT-LM-20 Datasheet
342Kb / 4P
Position Sensing Air-Cooled Thermopile Sensors to 200 W
logo
List of Unclassifed Man...
LM-200LED ETC2-LM-200LED Datasheet
208Kb / 3P
Lux or Foot-candle user selectable measurement units
logo
Rohm
LM-2035 ROHM-LM-2035 Datasheet
65Kb / 3P
5 x 7 matrix displays
LM-2035 ROHM-LM-2035 Datasheet
69Kb / 4P
5 x 7 matrix display
LM-2035LB ROHM-LM-2035LB Datasheet
69Kb / 4P
5 x 7 matrix display
More results

Similar Description - LM-2L

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ABM3H-A PANDUIT-ABM3H-A Datasheet
69Kb / 1P
ADHESIVE BACKED MOUNT
ABMM-A PANDUIT-ABMM-A Datasheet
74Kb / 1P
ADHESIVE BACKED MOUNT
logo
List of Unclassifed Man...
561-LAD187 ETC2-561-LAD187 Datasheet
89Kb / 2P
Locking PCB Support Adhesive Base
561-EZAB450T ETC2-561-EZAB450T Datasheet
124Kb / 2P
Twist Lock Support on Adhesive Base
logo
Richco, Inc.
FTH-5A-RT-M RICHCO-FTH-5A-RT-M Datasheet
83Kb / 1P
Mini Cable Tie Mount with Adhesive Base
logo
PANDUIT CORP.
PLA2S-A-Q PANDUIT-PLA2S-A-Q Datasheet
72Kb / 2P
Combination Adhesive Mount/Cable Ties
logo
Taoglas antenna solutio...
PC104R.A.07.0165C TAOGLAS-PC104R.A.07.0165C Datasheet
1Mb / 12P
With 3M adhesive
logo
Pulse A Technitrol Comp...
ARMXXXXXAM PULSE-ARMXXXXXAM Datasheet
4Mb / 25P
Vehicular Multiband Antenna with Adhesive Mount
logo
Maxtena Inc.
MMB-04-21-AM MAXTENA-MMB-04-21-AM Datasheet
1Mb / 2P
Adhesive/ magnetic mount bracket with cable and SMA F connector
REV A
MMB-04-23-AM MAXTENA-MMB-04-23-AM Datasheet
983Kb / 2P
Magnetic/Adhesive mount bracket mount with SMA Female
REV A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com