Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB-2 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # MB-2
Description  Mini cable clamp in a variety of shapes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

MB-2 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  MB-2 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Unit:mm)
MN-1-R
MB-1
MN-2,3-R
MB-2,3
MNC-4
MINI CLAMP / MN
・MB・MNC-4
Features
● Space-saving mini clamp.
● Employs easy-to-peel adhesive tape type, with two
clamps aligned on one tape.
Material
UL94 V-2
● Nylon 66(Color:Natural)
Adhesive tape mounting
※ With regard to adhered body which
is covered by UL1565, please contact
our sales department.
※ Specifications are described in the
tables below.
Screw mounting
Part No.
A
MN-1-R
MN-2-R
MN-3-R
5.7
8.5
10.5
Std. Package
500 pcs.
500 pcs.
Tape mounting
Part No.
A
MB-1
MB-2
MB-3
MNC-4
5.7
8.5
10.5
̶
Std. Package
500
pcs.
Screw
M2.5
M2.6
1,000
pcs.
Screw mounting
UL
UL
…UL1565 recognized product
UL
Double sided
adhesive tape※
Double sided
adhesive tape※
※ No adhesive backing for screw type
9
φ
2.6
(6)
4
φ
2.6
(4.8)
9
5.5
11.3
1565
E
B
C
“ ”
(Unit:mm)
(Unit:mm)
(Unit:mm)
Part No.
φA
Std. Package
B
LWS-2W
LWS-2W-4
3.5
4.2
100 /pcs.
8.5
Part No.
A
Std. Package
LWS-2H
LWS-3H
18.5
27.5
100 /pcs.
1,000 /pcs.
Part No.
C
D
Std. Package
LWS-1M-R
LWS-1.5MS-R
LWS-2M-R
LWS-3M-R
(A)
8.0
8.3
14.0
22.3
B
11.7
15.0
11.0
16.0
19.0
E
4.8
5.0
4.8
5.2
100 pcs.
100 pcs.
500 pcs.
H
12.5
(12.3)
18.5
27.0
19.0
(19.0)
19.0
19.0
4
(25)
2
2
11
15
φ
A
B
2
5.5
B
E
C
Mini cable clamp in a variety of shapes
42


Similar Part No. - MB-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-2 ETC2-MB-2 Datasheet
1Mb / 1P
Fits SOT-86 and similar 4-pin
logo
Soberton Inc.
MB-2317 SOBERTON-MB-2317 Datasheet
227Kb / 5P
MB MECHANICAL BUZZER
More results

Similar Description - MB-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
413-2646 ETC2-413-2646 Datasheet
28Kb / 1P
Perfect for cutting jackets off a variety of fibre optic cable
logo
Bourns Electronic Solut...
91A1A-B28-B15L BOURNS-91A1A-B28-B15L Datasheet
315Kb / 5P
Available in a variety of pin-out confi gurations
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
Remote controllable and available in a wide variety of products
logo
Laird Tech Smart Techno...
S24493D LSTD-S24493D Datasheet
681Kb / 1P
Variety of cable lengths and connectors available
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
For a variety of applications
2202096 PHOENIX-2202096 Datasheet
52Kb / 2P
Variety of connection technologies
logo
Omron Electronics LLC
2JCIE-BL01 OMRON-2JCIE-BL01 Datasheet
393Kb / 8P
Sense a variety of environmental information
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
Sense a variety of environmental information
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com