Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFDM-0702H-R Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # OFDM-0702H-R
Description  Adhesive-mount optical fiber holder capable of holding 2 cables at φ7mm diam.each
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OFDM-0702H-R Datasheet(HTML) 1 Page - KITAGAWA GmbH

  OFDM-0702H-R Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Unit:mm)
(6.5)
30
14
6
:0.8~2.0
φ
3.8 -0.10
14
(81.79)
φ
60
φ
80
(34.9)
●
●
●
(
:
)
(LWS-3NS)
WS-3NS
10.7
Part No.
Mounting hole size
Panel thickness
Std. Package
100 pcs.
0.8~2.0
WSW-3
φ4.8 
+0.1
 0
75-1.00
●
●
●
●
(
:
)
(Bobbin can be mounted with screw)
:1
φ
3.2 +0.10
φ
80
φ
60
(17.3)
(10)
(CLOSE)
(OPEN)
(Unit:mm)
Part No.
Mounting hole size
Panel thickness Std. Package
Refer to Specification
drawing
10 set.
1±0.1
OFSB-8010S
Configuration
Bobbin + tray
̶
10 pcs.
̶
OFSB-8010
Bobbin
(Unit:mm)
Part No.
Std. Package
100
pcs.
OFDM-0702H-R
OFDM-0702V-R
15
Double sided adhesive tape
20
Double sided adhesive tape
Adhesive tape mounting
Features
● Can hold up to 2 cables of Φ7mm
● Accommodates optical branch modules in limited
spaces. Holder prevents accidental release of
modules.
Material
UL94 V-2
● Nylon 66 (Color:Natural )
DIVERGE MODULE HOLDER / OFDM
OFDM-0702H-R
OFDM-0702V-R
OPTICAL
Adhesive-mount optical fiber holder
capable of holding 2 cables at φ7mm diam.each
79


Similar Part No. - OFDM-0702H-R

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
OFD-C-1-05-19BLK RICHCO-OFD-C-1-05-19BLK Datasheet
86Kb / 1P
OFSRG - Optical Fiber Strain Relief Gland, Optical Fiber Duplexer
OFD-C-2-05-19BLK RICHCO-OFD-C-2-05-19BLK Datasheet
86Kb / 1P
OFSRG - Optical Fiber Strain Relief Gland, Optical Fiber Duplexer
OFD-C-3-05-19BLK RICHCO-OFD-C-3-05-19BLK Datasheet
86Kb / 1P
OFSRG - Optical Fiber Strain Relief Gland, Optical Fiber Duplexer
OFD-C-4-05-19BLK RICHCO-OFD-C-4-05-19BLK Datasheet
86Kb / 1P
OFSRG - Optical Fiber Strain Relief Gland, Optical Fiber Duplexer
OFD-C-5-05-19BLK RICHCO-OFD-C-5-05-19BLK Datasheet
86Kb / 1P
OFSRG - Optical Fiber Strain Relief Gland, Optical Fiber Duplexer
More results

Similar Description - OFDM-0702H-R

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
OFSH-4-1-01LA RICHCO-OFSH-4-1-01LA Datasheet
32Kb / 1P
OPTICAL FIBER SPLICE HOLDER
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF Datasheet
66Kb / 4P
Capable of 2.5V Gate Drive, Surface Mount Package
logo
Taoglas antenna solutio...
MA251ABI001 TAOGLAS-MA251ABI001 Datasheet
8Mb / 54P
Sentinel Adhesive Mount 2*LTE MIMO Antenna
logo
ORing Industrial Networ...
IBS-102FX ORING-IBS-102FX Datasheet
768Kb / 4P
Industrial 2-port optical bypass switch for fiber optical network
logo
Maxim Integrated Produc...
MAX30105 MAXIM-MAX30105 Datasheet
1Mb / 35P
Capable of Operating at High Ambient Levels
Rev 1; 7/16
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
An Extensive Selection of Fiber-Optic Cables
logo
Taoglas antenna solutio...
MA251.A.BI.001 TAOGLAS-MA251.A.BI.001_18 Datasheet
8Mb / 54P
Sentinel Adhesive Mount 2*LTE MIMO Antenna
logo
VIA Technologies, Inc.
HDMI1.4AOC VIA-HDMI1.4AOC Datasheet
204Kb / 1P
Active Optical Cables
HDMI2.0AOC VIA-HDMI2.0AOC Datasheet
198Kb / 1P
Active Optical Cables
USB3.0 VIA-USB3.0 Datasheet
238Kb / 1P
Active Optical Cables
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com