Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 4Page - Renesas Technology Corp RA4E2 Datasheet HTML 5Page - Renesas Technology Corp RA4E2 Datasheet HTML 6Page - Renesas Technology Corp RA4E2 Datasheet HTML 7Page - Renesas Technology Corp RA4E2 Datasheet HTML 8Page - Renesas Technology Corp RA4E2 Datasheet HTML 9Page - Renesas Technology Corp RA4E2 Datasheet HTML 10Page - Renesas Technology Corp RA4E2 Datasheet HTML 11Page - Renesas Technology Corp RA4E2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
1.4
Function Comparison
Table 1.13
Function Comparison
Part numbers
R7FA4E2B93CFM
R7FA4E2B93CBB
R7FA4E2B92CBB
R7FA4E2B93CNE
R7FA4E2B93CBC
R7FA4E2B92CBC
R7FA4E2B93CNH
Pin count
64
48
36
32
Package
LQFP/BGA
QFN
BGA
QFN
Code flash memory
128 KB
Data flash memory
4 KB
SRAM
40 KB
Parity
32 KB
ECC
8 KB
Standby SRAM
1 KB
DMA
DTC
Yes
DMAC
8
System
CPU clock
100 MHz (max.)
CPU clock
sources
MOSC, SOSC, HOCO, MOCO, LOCO, PLL
CAC
Yes
WDT/IWDT
Yes
Communication
SCI
2
I3C
1
SPI
2
CANFD
1
USBFS
Yes
No
SSIE
Yes
CEC
Yes
Timers
GPT16E*1
4
AGT*1
2
RTC*1
Yes
Analog
ADC12
12
8
4
5
DAC12
1
TSN
Yes
Data processing
CRC
Yes
DOC
Yes
Event control
ELC
Yes
Security
TrustZone
I/O ports
I/O pins
45
29
20
16
Input pins
5
5
4
5
Pull-up resistors
46
30
21
17
N-ch open-drain
outputs
45
29
20
16
5-V tolerance
11
6
5
4
Note 1. Available pins depend on the pin count, see section 1.7. Pin Lists for details.
RA4E2 Datasheet
1. Overview
R01DS0413EJ0150 Rev.1.50
May 29, 2026
Page 8 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com