Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG245803MGURW-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG245803MGURW-RSP
Description  2.4/5GHz 3dBi NMO ANTENNA WHITE W/ MAG MOUNT CHROME, 10FOOT COAX, CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG245803MGURW-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG245803MGURW-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.0 76
SEE CHART FOR
CONNECTOR TYPE
10 FOOT
.195 BLACK
COAX CABLE
.5 13
3.7 93
NOTES:
PACKAGING:
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
WITH L-COM SPEC PKG-00012.
-ALL DIMENSIONS FOR REFERENCE-
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
MODEL# HG245803MGURW-XX
NF
N-FEMALE
NM
N-MALE
RSP
RP SMA-PLUG
RSJ
RP SMA-JACK
RTP
RP TNC-PLUG
RTJ
RP TNC-JACK
RNP
RP N-PLUG
RNJ
RP N-JACK
SM
SMA MALE
SF
SMA FEMALE
TM
TNC MALE
TF
TNC FEMALE
BM
BNC MALE
RBP
RP BNC PLUG
RBJ
RP BNC JACK
WM
WAVE RIDER COMPATIBLE TYPE
AM
ORiNOCO COMPATIBLE TYPE
QP
QMA PLUG RIGHT ANGLE
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG245803MGURW
A
HG245803MGURW.SLDDRW
1
1
P.PESA
04/14/14
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
04/14/14
4/15/14
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
2.4/5GHz 3dBi NMO ANTENNA WHITE W/ MAG
MOUNT CHROME, 10FOOT COAX, CONNECTOR
ANTENNA
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
04/14/14
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - HG245803MGURW-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG245803MGURW-NF L-COM-HG245803MGURW-NF Datasheet
66Kb / 1P
2.4/5GHz 3dBi NMO ANTENNA WHITE W/ MAG MOUNT CHROME, 10FOOT COAX, CONNECTOR
04/14/14
HG245803MGURW-NM L-COM-HG245803MGURW-NM Datasheet
66Kb / 1P
2.4/5GHz 3dBi NMO ANTENNA WHITE W/ MAG MOUNT CHROME, 10FOOT COAX, CONNECTOR
04/14/14
HG245803MGURW-SM L-COM-HG245803MGURW-SM Datasheet
66Kb / 1P
2.4/5GHz 3dBi NMO ANTENNA WHITE W/ MAG MOUNT CHROME, 10FOOT COAX, CONNECTOR
04/14/14
More results

Similar Description - HG245803MGURW-RSP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3917B0050 PULSE-W3917B0050 Datasheet
1Mb / 14P
2.4/5GHZ FPC ANTENNA
W3918B0050 PULSE-W3918B0050 Datasheet
1Mb / 14P
2.4/5GHZ FPC ANTENNA
logo
Taoglas antenna solutio...
WMA01301151 TAOGLAS-WMA01301151 Datasheet
765Kb / 16P
Trinity 3dBi 2.4/2.5GHz MIMO Antenna
logo
Pulse A Technitrol Comp...
W3918XXXX PULSE-W3918XXXX Datasheet
1Mb / 14P
Description: 2.4/5GHz FPC antenna
GNSSMMSMA PULSE-GNSSMMSMA Datasheet
932Kb / 9P
28dBi GNSS Mag Mount Antenna, Coax Feed
W3712 PULSE-W3712 Datasheet
2Mb / 17P
: 2.4/5GHz Vertical mount PCB Antenna
logo
Molex Electronics Ltd.
2140610150 MOLEX-2140610150 Datasheet
289Kb / 2P
2.4/5GHZ ADHESIVE MOUNT ON-METAL ANTENNA
2020/07/03
PS-146153-100 MOLEX-PS-146153-100 Datasheet
406Kb / 7P
2.4/5GHz Balance Flex Antenna
2015/11/23
2140610100 MOLEX-2140610100 Datasheet
289Kb / 2P
2.4/5GHZ ADHESIVE MOUNT ON-METAL ANTENNA
2020/07/03
2140610200 MOLEX-2140610200 Datasheet
289Kb / 2P
2.4/5GHZ ADHESIVE MOUNT ON-METAL ANTENNA
2020/07/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com