Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO17170 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO17170
Description  383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO17170 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO17170 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO17170 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DIO17170
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO17170• Rev. 1.1
Ordering Information
Order Part Number
Top Marking
TA
Package
DIO17170LP10
YWGD
Green
-40 to 85°C
DQFN-10
Tape & Reel, 3000
Marking Definition
Pin Assignments
2
1
3
4
5
8
9
6
7
NO1
VCC
NO2
COM2
IN2
NC2
GND
NC1
IN1
COM1
10
DQFN-10
Figure 1
Pin Assignment (Top View)
Pin Description
Pin Name
Description
VCC
Supply Voltage
NO1
Data Ports
COM1
Data Ports
IN1
Switch Select Pins
NC1
Data Ports
GND
Ground
NC2
Data Ports
IN2
Switch Select Pins
COM2
Data Ports
NO2
Data Ports
Pin 1 Identification
YW
GD
GD: Product code, fixed
Y: Year code
W: Week code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com