Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO20721 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20721
Description  Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20721 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20721 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20721 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20721 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20721 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20721 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20721 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20721 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20721 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20721 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DIO20721/2/4
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO20721/2/4 • Rev 2.1
5
4. Electrical Characteristics
Typical value: VCC = 2.5 V to 5.5 V, VCM = V+/2, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input characteristics
VOS
Input offset voltage
TA = 25°C, VCC = 2.5 V to 5.5 V
-5
0.5
5
mV
-40°C ≤ TA ≤ 125°C, VCC = 2.5 V to 5 V
-7
0.5
7
IB (1)
Input bias current
VCC = 2.5 V to 5 V
27
pA
VCM
Common mode voltage range
(V-)
-0.1
(V+)
+0.1
V
CMRR
Common mode rejection ratio
-40°C ≤ TA ≤ 125°C,
VCM = (V-)-0.1 to (V+) +0.1, VCC = 5 V
85
dB
∆VOS/∆T
Input offset voltage drift
-40°C ≤ TA ≤ 125°C
5
µV/°C
Output characteristics
Output voltage swing from rail
RL = 10 kΩ, -40°C ≤ TA ≤ 125°C
0.1
V
IOUT
Output current
VCC = 5 V
80
mA
VCC = 2.5 V
25
Power supply
PSRR
Power supply rejection ratio
80
dB
IS
Supply current per channel/amp
VCC = 5 V, -40°C ≤ TA ≤ 125°C
320
620
1000
μA
VCC = 2.5 V, -40°C ≤ TA ≤ 125°C
260
590
830
Dynamic performance
GBP
Gain bandwidth product
10
MHz
SR
Slew rate
G = 1, 2 V output step
6.5
V/µs
tS
Settling time
G = 1, 2 V output step
0.25
µs
XTALK
Channel separation
f = 1 kHz, RL = 10 kΩ
110
dB
Overload recovery time
VIN × Gain = VCC
90
ns
Noise performance
THD
Total harmonic distortion
f = 10 kHz, 2 V output step,
RL = 600 Ω, VCC = 5 V
0.04
%
en
Voltage noise density
f = 1 kHz, VCC = 5 V
90
nV/√Hz
f = 10 kHz, VCC = 5 V
35
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com