Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO20721SC5 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20721SC5
Description  Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20721SC5 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20721SC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DIO20721/2/4
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO20721/2/4 • Rev 2.1
4
2. Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DIOO does not recommend exceeding them or designing to Absolute Maximum Ratings.
Parameter
Rating
Unit
Supply voltage (maximum)
7
V
Input voltage
(V-) - 0.5 to 7
V
Storage temperature range
-65 to 150
°C
Junction temperature (maximum)
150
°C
Lead temperature range (maximum)
260
°C
ESD
HBM, JEDEC: JESD22-A114
±2
kV
CDM, JEDEC: JESD22-C101
±1
3. Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal performance to
the datasheet specifications.
Parameter
Rating
Unit
Supply voltage
2.5 to 5.5
V
Input voltage
0 to 5
V
Operating temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com