Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO32051AST5 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO32051AST5
Description  0.5 MHz, 24 μA, Rail-to-Rail I/O CMOS Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO32051AST5 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO32051AST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DIO32051/1A/2/4
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO32051/1A/2/4• Rev. 1.6
Ordering Information
Ordering Part No. Top Marking
MSL
RoHS
TA
Package
DIO32051ST5
YWXT
3
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIO32051SC5
YWXT
3
Green
-40 to 125°C
SC70-5
Tape & Reel, 3000
DIO32051AST5
YWXU
3
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIO32051ASC5
YWXU
3
Green
-40 to 125°C
SC70-5
Tape & Reel, 3000
DIO32052MP8
DIO2052
3
Green
-40 to 125°C
MSOP-8
Tape & Reel, 3000
DIO32052SO8
DIO2052
3
Green
-40 to 125°C
SOIC-8
Tape & Reel, 2500
DIO32052TST8
5BYW
3
Green
-40 to 125°C
TSOT23-8
Tape & Reel, 3000
DIO32054SO14
DIO2054
3
Green
-40 to 125°C
SOP-14
Tape & Reel, 2500
DIO32054TP14
DIO2054
3
Green
-40 to 125°C
TSSOP-14
Tape & Reel, 2500
Marking Definition
Pin Assignments
SOT23-5/SC70-5
SOT23-5/SC70-5
DIO32051
DIO32051A
SOIC-8/MSOP-8/TSOT23-8
SOP-14/TSSOP-14
DIO32052
DIO32054
Figure 1. Pin assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com