Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO32052MP8 Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO32052MP8
Description  0.5 MHz, 24 μA, Rail-to-Rail I/O CMOS Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO32052MP8 Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO32052MP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO32052MP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO32052MP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO32052MP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO32052MP8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO32052MP8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO32052MP8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO32052MP8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO32052MP8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DIO32051/1A/2/4
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO32051/1A/2/4• Rev. 1.6
Physical Dimensions: TSOT23-8
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Max
A
0.700
0.900
A1
0.000
0.100
A2
0.700
0.800
b
0.300
0.500
C
0.080
0.200
D
2.820
3.020
E
1.600
1.700
E1
2.650
2.950
e
0.65 BSC
e1
0.975 BSC
L
0.300
0.600
Θ
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com