Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO32358MP8 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO32358MP8
Description  1.4 MHz, 60 μA, Rail-to-Rail I/O CMOS Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO32358MP8 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO32358MP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO32358MP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO32358MP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO32358MP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO32358MP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO32358MP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO32358MP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO32358MP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO32358MP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DIO32358
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO32358• Rev. 1.1
Ordering Information
Order Part Number
Top Marking
RoHS
TA
Package
DIO32358MP8
DIO2358
RoHS or Green
-40 to +125°C
MSOP-8
Tape & Reel, 3000
DIO32358SO8
DIO2358
RoHS or Green
-40 to +125°C
SOIC-8
Tape & Reel, 2500
Pin Assignments
SOIC-8/MSOP-8
1
2
4
5
OUTA
V-
+INA
-INA
V+
3
6
7
8
OUTB
+INB
-INB
Figure 1 Pin Assignment
Pin Description
Pin name
Description
V+
Positive supply
V-
Negative supply
+INX
Positive input
-INX
Negative input
OUTX
Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com