Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTR622.08/622.080/T039 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTR622.08/622.080/T039
Description  true one-port, surface-acoustic-wave (SAW) resonator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR622.08/622.080/T039 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTR622.08/622.080/T039 Datasheet HTML 1Page - Advanced Crystal Technology ACTR622.08/622.080/T039 Datasheet HTML 2Page - Advanced Crystal Technology ACTR622.08/622.080/T039 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
3 OF 3
1.
The centre frequency, fC, is measured at the minimum IL point with the resonator in the 50 Ω test system.
2.
Unless noted otherwise, case temperature TC = +25°C±2°C.
3.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the
specification for prolonged temperatures above +65°C. Typically, aging is greatest the first year after
manufacture, decreasing in subsequent years.
4.
Turnover temperature, T0, is the temperature of maximum (or turnover) frequency, f 0. The nominal frequency at
any case temperature, TC, may be calculated from: f = f 0 [1 - FTC (T0 - TC)
2].
5.
This equivalent RLC model approximates resonator performance near the resonant frequency and is provided
for reference only. The capacitance C0 is the measured static (non-motional) capacitance between Pin1 and
Pin2. The measurement includes case parasitic capacitance.
6.
Derived mathematically from one or more of the following directly measured parameters: f C, IL, 3 dB bandwidth,
fC versus TC, and C0.
7.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
8.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the
responsibility of the equipment manufacturer.
9.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com