Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC77 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC77
Description  4-BIT D-TYPE LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC77 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC77 Datasheet HTML 1Page - STMicroelectronics M54HC77 Datasheet HTML 2Page - STMicroelectronics M54HC77 Datasheet HTML 3Page - STMicroelectronics M54HC77 Datasheet HTML 4Page - STMicroelectronics M54HC77 Datasheet HTML 5Page - STMicroelectronics M54HC77 Datasheet HTML 6Page - STMicroelectronics M54HC77 Datasheet HTML 7Page - STMicroelectronics M54HC77 Datasheet HTML 8Page - STMicroelectronics M54HC77 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
August 2001
s
HIGH SPEED :
tPD = 11 ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 77
DESCRIPTION
The M74HC77 is an high speed CMOS 4 BIT D
TYPE LATCH fabricated with silicon gate C2MOS
technology.
It contains two groups of 2 bit latches controlled by
an enable input (G1
2 or G34). These two latch
groups can be used in different circuits. The data
applied to the data inputs (1D, 2D, or 3D, 4D) are
transferred to the Q outputs (1Q, 2Q, or 3Q, 4Q)
respectively when the enable input (G1
2 or G34)
is taken high. The Q outputs will follow the data
inputs as long as the enable input is kept high.
When
the
enable
input
is
taken
low,
the
information data applied to the data input is
retained at the Q outputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC77
4 BIT D TYPE LATCH
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC77B1R
SOP
M74HC77M1R
M74HC77RM13TR
TSSOP
M74HC77TTR
TSSOP
DIP
SOP


Similar Part No. - M54HC77

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Oct-1992
M54HC77F1R STMICROELECTRONICS-M54HC77F1R Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Oct-1992
More results

Similar Description - M54HC77

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
4-BIT D LATCH
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
4-BIT D LATCH
logo
STMicroelectronics
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
01-Jun-2004
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Oct-1992
M54HCT75 STMICROELECTRONICS-M54HCT75 Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
M74HC75-1 STMICROELECTRONICS-M74HC75-1 Datasheet
268Kb / 10P
4 BIT D TYPE LATCH
Aug-2001
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
Dec-1992
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
4 BIT D TYPE LATCH
Sep-2001
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
250Kb / 10P
RAD HARD 4 BIT D TYPE LATCH
01-Jun-2004
logo
Toshiba Semiconductor
TC74HC375AP TOSHIBA-TC74HC375AP Datasheet
318Kb / 9P
4-Bit D Type Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com