Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBWS-TL Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # RBWS-TL
Description  Releasable cable clamp with minimum protrusion on panel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RBWS-TL Datasheet(HTML) 1 Page - KITAGAWA GmbH

  RBWS-TL Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RE-USE CLAMP / RBWS-T,-TL
Features
● Lock fastens and releases cables quickly.
● Detachable with no tools required.
Twist Type
Specification drawing
Odd-shaped hole
Round inner corners also
suitable for halogen-free cables
Easy fastening lock
Turn and remove
Reusable Snap
(Twist type)
Space saving
The snap protrusion is greatly reduced
Compared to conventional snap, the protrusion of snap is
greatly lowered for application in limited spaces.
Easy Operation!
For installation and removal, simply turn the body
Can be removed from mounting side with no tool needed, while conventional snap requires cutting
by nippers etc from the backside of the panel.
Twist type
Conventional type
Part No.
Mounting hole size
Panel thickness
Refer to
Specification
drawing
0.8~1.6
(A)
28.2
33.7
B
4.9
9.9
(C)
5.3
5.8
RBWS-1T-VO
RBWS-3T-VO
Part No.
Mounting hole size
Panel thickness
Refer to
Specification
drawing
0.8~2.0
Std. Package
500
pcs.
Std. Package
500
pcs.
(A)
28.6
32.0
31.6
34.1
B
4.9
6.4
7.4
9.9
(C)
5.7
5.7
6.2
6.2
RBWS-1TL-VO BK
RBWS-1.5TL-VO BK
RBWS-2TL-VO BK
RBWS-3TL-VO BK
(Unit:mm)
1.8
11※
15.8
3.8
※ 13mm for RBWS-1.5TL-V0 BK
2.7
φ1.8
+0.1 0
φ4
+0.10
+0.1
0
Material
UL94 V-0
● Nylon 66(Color:Natural, Black※)
※ Black product has “BK” at the end of the part No.
TWIST
(Unit:mm)
※
●
(
:
※
)
φ4.8
3.8
B
A
14
11 0.1
+
-
φ3
+
  0.1
0
+
  0.1
0
…
A
B
3.8
12
7.2+0.2
 0
Part No.
Panel thickness
0.5~1.6
1.5~2.3
Mounting hole size
Std. Package
500
pcs.
RBWS-0406D VO
RBWS-0510D VO
RBWS-1015D VO
RBWS-1515D VO
RBWS-2020D VO
RBWS-1TD-VO BK
1.5
1.8
2.0
1.8
6
10
15
20
11
3.7
4.7
9.7
14.7
19.7
4.9
17.13
21.61
31.35
36.35
45.03
29.21
Refer to
Specification
drawing
4.5
5.0
6.0
6.3
A
B
C
D
(E)
RBWS-TD
●
●
RBWS-D
1565
REUSABLE
Releasable cable clamp with minimum protrusion on panel
34


Similar Part No. - RBWS-TL

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
RBWS-TD KGS-RBWS-TD Datasheet
517Kb / 1P
Releasable cable clamp with minimum protrusion on panel
More results

Similar Description - RBWS-TL

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
CLAMP ON HiTESTER
logo
Glenair, Inc.
IT3057-16AF2 GLENAIR-IT3057-16AF2 Datasheet
249Kb / 1P
Cable Clamp
logo
Grayhill, Inc
50J1066 GRAYHILL-50J1066 Datasheet
1Mb / 4P
Requires Minimum Distance Behind the Panel
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
561-CB037 ETC2-561-CB037 Datasheet
43Kb / 2P
Releasable Clamp on Fin Clip Base
logo
Rosenberger Hochfrequen...
SLCC221-PF20 ROSENBERGER-SLCC221-PF20 Datasheet
106Kb / 2P
Cable Clamp
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
Cable Clamp
logo
OEN India Limited
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
logo
Pepperl+Fuchs Inc.
FB9286 PF-FB9286 Datasheet
276Kb / 1P
Clamp-on tag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com