Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLC Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # VLC
Description  Adjustable plug-in-mount clamp that easily inserts into screw hole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

VLC Datasheet(HTML) 1 Page - KITAGAWA GmbH

  VLC Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
●
(
:
)
Part No.
Max bundle
diameter
Std. Package
Mounting
hole size
Panel
thickness
Refer to
Specification
drawing
1±0.2
A
23.0
30.0
36.0
B
10.0
12.0
14.0
C
6.0
8.0
10.0
D
10.0±0.1
13.5±0.1
16.5±0.1
100
pcs.
φ5.4
φ6.5
φ10.0
φ14.4
φ17.5
φ20.0
CKT-05 V0
CKT-07 V0
CKT-10 V0
CKT-13 V0
CKT-16 V0
CKT-20 V0
(Unit:mm)
…
1565
A
C
B
3.8
φ6.2
10.4±0.1
D
φ
3
SCREW-LESS CLAMP / VLC
Features
● Plug-in mounting in screw hole is available without tool.
● Clamp porting has locking mechanisms with harness holder.
● Applying heat resistant aging material, both heat resistance and durability are performed.
Material
● Nylon 66 (Color:Black )
UL94 V-2
(Unit:mm)
Part No.
G
Mounting hole size
H
Max bundle
diameter
VLC-0810-M4-AM-HT-BK※
φ10
M4 screw hole
(Thread pitch:0.7)
≦1
F
≧φ10
≧7
Std. Package
100 pcs.
VLC-1424-M5-BK
φ17
M5 screw hole
(Thread pitch:0.8)
≦1
≧φ22
E
(6.1)
6.7
D
8
(20.2)
(C)
22.5
27.3
(B)
28.2
42.4
(A)
12.3
14.2
≧8
100 pcs.
VLC-1424-M5-BK
VLC-0810-M4-AM-HT-BK
Installation specifications
Mounting hole
F
(C)
6
D
D
(C)
10
※Operating temperature range: -40℃ to +125℃.
Recommended mounting hole
Adjustable plug-in-mount clamp that easily inserts into screw hole
56


Similar Part No. - VLC

ManufacturerPart #DatasheetDescription
logo
SICK AG
VLC100-0201000 SICK-VLC100-0201000 Datasheet
820Kb / 6P
Camera system
2016-03-09
logo
Communications & Power ...
VLC1599 CPI-VLC1599 Datasheet
331Kb / 1P
SPDT Switch
VLC1795 CPI-VLC1795 Datasheet
324Kb / 1P
SPDT Switch
VLC1811 CPI-VLC1811 Datasheet
352Kb / 1P
Limiter/Switch/ Attenuator
logo
Microchip Technology
VLC5020T MICROCHIP-VLC5020T Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
More results

Similar Description - VLC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
10-305045-16 GLENAIR-10-305045-16 Datasheet
183Kb / 1P
Wire Hole Plug for Contact Inserts
logo
Altech corporation
30.306 ALTECH-30.306 Datasheet
46Kb / 1P
Metric Pin Spacinga Tubular Screw Clamp Plug
logo
Molex Electronics Ltd.
39980-0306 MOLEX11-39980-0306 Datasheet
37Kb / 2P
5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 6 Circuits
39980-0309 MOLEX11-39980-0309 Datasheet
37Kb / 2P
5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 9 Circuits
39980-0314 MOLEX11-39980-0314 Datasheet
37Kb / 2P
5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 14 Circuits
39980-0303 MOLEX11-39980-0303 Datasheet
37Kb / 2P
5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 3 Circuits
39990-0303 MOLEX11-39990-0303 Datasheet
37Kb / 2P
5.00mm Pitch Beau Eurostyle Screw Clamp Plug, 3 Circuits
39990-0309 MOLEX11-39990-0309 Datasheet
37Kb / 2P
5.00mm Pitch Beau Eurostyle Screw Clamp Plug, 9 Circuits
39990-0310 MOLEX11-39990-0310 Datasheet
37Kb / 2P
5.00mm Pitch Beau Eurostyle Screw Clamp Plug, 10 Circuits
logo
HARTING Technology Grou...
09-16-000-9903 HARTING-09-16-000-9903 Datasheet
460Kb / 1P
Fixing screw M3x10 f. inserts
2021-10-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com