Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLUAMS Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # VLUAMS
Description  Plug-in-mount mini clamp that easily inserts into screw holes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

VLUAMS Datasheet(HTML) 1 Page - KITAGAWA GmbH

  VLUAMS Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plug-in-mount mini clamp that easily inserts into screw holes
SCREW-LESS CLAMP / VLUAMS
Features
●
Plug-in mounting in screw hole is available without tool.
●
Compact, space-saving clamp.
Material
UL94 V-0
●
Nylon 66 (Color:Natural )
4
11.8
(9)
A
Installation specications
Mounting hole
VLUAMS-09-M3-V0
(Unit:mm)
Part No.
B
Mounting hole size
C
VLUAMS-09-M3-V0
M3 screw hole
(Thread pitch:0.5)
≦1
A
≧φ12
≧5
Std. Package
500 pcs.
Recommended mounting hole
39


Similar Part No. - VLUAMS

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VLU1744 CPI-VLU1744 Datasheet
156Kb / 1P
Diode Limiter
logo
Pletronics, Inc.
VLU7029036EG000050 PLETRONICS-VLU7029036EG000050 Datasheet
136Kb / 8P
3.3 V LVDS VCXO Oscillators
VLU7029036LK000050 PLETRONICS-VLU7029036LK000050 Datasheet
136Kb / 8P
3.3 V LVDS VCXO Oscillators
More results

Similar Description - VLUAMS

ManufacturerPart #DatasheetDescription
logo
Altech corporation
30.306 ALTECH-30.306 Datasheet
46Kb / 1P
Metric Pin Spacinga Tubular Screw Clamp Plug
logo
PANDUIT CORP.
CHS2IW-X PANDUIT-CHS2IW-X Datasheet
246Kb / 1P
Mini-Com짰 Inserts
logo
Molex Electronics Ltd.
39980-0306 MOLEX11-39980-0306 Datasheet
37Kb / 2P
5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 6 Circuits
39980-0309 MOLEX11-39980-0309 Datasheet
37Kb / 2P
5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 9 Circuits
39980-0314 MOLEX11-39980-0314 Datasheet
37Kb / 2P
5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 14 Circuits
39980-0303 MOLEX11-39980-0303 Datasheet
37Kb / 2P
5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 3 Circuits
39990-0303 MOLEX11-39990-0303 Datasheet
37Kb / 2P
5.00mm Pitch Beau Eurostyle Screw Clamp Plug, 3 Circuits
39990-0309 MOLEX11-39990-0309 Datasheet
37Kb / 2P
5.00mm Pitch Beau Eurostyle Screw Clamp Plug, 9 Circuits
39990-0310 MOLEX11-39990-0310 Datasheet
37Kb / 2P
5.00mm Pitch Beau Eurostyle Screw Clamp Plug, 10 Circuits
logo
HARTING Technology Grou...
09-16-000-9903 HARTING-09-16-000-9903 Datasheet
460Kb / 1P
Fixing screw M3x10 f. inserts
2021-10-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com