Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSW-3 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # WSW-3
Description  Snap-mount winding guide for optical fiber cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

WSW-3 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  WSW-3 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Unit:mm)
(Unit:mm)
(72.6)
6.5
24.4
13
7.1
R0.8
8±0.1
:1~1.8
+0.1
 0
(6.5)
30
14
6
Panel thickness
:0.8~2.0
●
●
~
●
●
(
:
)
Snap Mounting
Features
● Long optical fiber cables are kept in place by
bending with no damage applied.
● Can be used in combination with WS and/or LWS.
Material
UL94 V-2
● Nylon 66 (Color:Natural )
WIRE SADDLE WING / WSW-3
Specification drawing
Reference specification
Part No.
Std. Package
OFHR-1716R
OFHR-1716L
50 pcs.
Round hole
(LWS-3NS)
WS-3NS
10.7
Maintaining Min.
bend radius of cables
Part No.
Mounting hole size
Panel thickness
Std. Package
100 pcs.
0.8~2.0
WSW-3
φ4.8 
+0.1
 0
OPTICAL
Snap-mount winding guide for optical fiber cables
(Unit:mm)
Part No.
Std. Package
100
pcs.
OFDM-0702H-R
OFDM-0702V-R
15
20
●
●
●
(
:
)
capable of holding 2 cables at φ7mm diam.each
80


Similar Part No. - WSW-3

ManufacturerPart #DatasheetDescription
logo
SICK AG
WSWE2F-E010S04 SICK-WSWE2F-E010S04 Datasheet
555Kb / 5P
Through-beam photoelectric sensor
2/2/2016
WSWE2F-E110 SICK-WSWE2F-E110 Datasheet
650Kb / 6P
Through-beam photoelectric sensor
2/2/2016
WSWE2F-F110 SICK-WSWE2F-F110 Datasheet
650Kb / 6P
Through-beam photoelectric sensor
2/2/2016
WSWE2F-F210 SICK-WSWE2F-F210 Datasheet
648Kb / 6P
Through-beam photoelectric sensor
2/2/2016
WSWE2F-F410 SICK-WSWE2F-F410 Datasheet
650Kb / 6P
Through-beam photoelectric sensor
2/2/2016
More results

Similar Description - WSW-3

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S38 SHARP-GP1S38 Datasheet
75Kb / 5P
Optical Guide Photointerrupter
logo
KODENSHI_AUK CORP.
BL-23G KODENSHI-BL-23G Datasheet
194Kb / 2P
Emitter for Optical Fiber(GaAlAs)
logo
AVAGO TECHNOLOGIES LIMI...
SFH757 AVAGO-SFH757_11 Datasheet
629Kb / 4P
Transmitter for Polymer Optical Fiber Applications
SP000063858 AVAGO-SP000063858 Datasheet
629Kb / 4P
Transmitter for Polymer Optical Fiber Applications
logo
Advanced Power Technolo...
ECLIPSE ADPOW-ECLIPSE Datasheet
1Mb / 4P
direct fiber winding temperature
logo
Kemet Corporation
ESD-SR KEMET-ESD-SR Datasheet
666Kb / 6P
Snap-on Cores for Round Cables
logo
VIA Technologies, Inc.
HDMI1.4AOC VIA-HDMI1.4AOC Datasheet
204Kb / 1P
Active Optical Cables
HDMI2.0AOC VIA-HDMI2.0AOC Datasheet
198Kb / 1P
Active Optical Cables
USB3.0 VIA-USB3.0 Datasheet
238Kb / 1P
Active Optical Cables
logo
Broadcom Corporation.
AFBR-59F2Z BOARDCOM-AFBR-59F2Z Datasheet
280Kb / 7P
250MBd Compact 650nm Transceiver for Data communication over Polymer Optical Fiber(POF) cables with a bare fiber locking system
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com