Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF070035/PK Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF070035/PK
Description  70 MHz Standard Filter for Base Station application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF070035/PK Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF070035/PK Datasheet HTML 1Page - Advanced Crystal Technology ACTF070035/PK Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
2 OF 2
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture
that is connected to a 50
Ω test system with VSWR ≤1.2:1. The test fixture L and C are adjusted for
minimum insertion loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and
passband shape are dependent on the impedance matching component values and quality.
2.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
3.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
4.
All equipment designs utilizing this product must be approved by the appropriate government agency
prior to manufacture or sale.
5.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for
applications, processes and circuits implemented within components or assemblies.
Package
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com