Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTOCXO38 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTOCXO38
Description  Voltage Controlled Frequency Adjustment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTOCXO38 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTOCXO38 Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACTOCXO38
FEATURES
APPLICATIONS
■
Stability to ±0.01PPM
■
PCS / Cellular Base Station
■
Low Aging
■
Digital Switching
■
Voltage Controlled Frequency Adjustment
■
Synthesizer
■
Measurement Equipment
■
SC Cut OCXO – Please enquire
SPECIFICATIONS
Frequency Range
1.0 ~ 160MHz
Frequency Accuracy (Adjustment 25
°C)
±0.05PPM (Centre control voltage)
Frequency Stability vs Temperature
See Table 1
Aging
±0.001PPM/day, first year ±0.1PPM, 10 years ±1PPM
Output Type and Load Characteristics
See Table 2
Frequency Stability vs Load
±0.02PPM vs ±10% load change
Supply Voltage
+5.0VDC, +12.0VDC (3V3 Custom option)
Frequency Stability vs Voltage
±0.02PPM vs ±5% voltage change
Supply Consumption
4.0W (Max) Warm up 1.5W (Max) Static
Warm-up Time (AT Cut)
±0.2PPM, <1 min.
Adjustable Frequency Range
±7.0PPM
Control Voltage Range
0~5V
Slope
Positive
Linearity
±10%
Phase Noise (10MHz SC-Cut)
1Hz, -80dBc/Hz, 10Hz, -120dBc/Hz
1kHz, -145dBc/Hz, 10kHz, -150dBc/Hz
Storage Temperature Range
-40~+100
°C
FREQUENCY vs TEMPERATURE STABILITY – TABLE 1
( Applies to frequencies < 20MHz & to 12v0 supply. For frequencies > 20MHZ & 3v3 & 5v0 Stabilities will be lower –Please enquire)
Frequency Stability vs Temperature
Temperature Range
±0.01PPM (AT Cut)
0 - +50
°C
±0.03PPM (AT Cut)
-20 - +70
°C
±0.05PPM (AT Cut)
-40 - +75
°C
OUTPUT TYPE AND LOAD CHARACTERISTICS – TABLE 2
Output
Waveform
Frequency Range
Oscillation State
Output Characteristics
Clipped Sine
Wave
8MHz - 30MHz
10MHz – 160MHz
F: Fundamental
O: Overtone
Load: 10kΩ/10pF
Output level: >1Vp-p
TTL
1MHz - 30MHz
10MHz – 160MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL gates
“1” level: >+2.4VDC; “0” level: <+0.2VDC
Duty cycle: 45/55
Rise/fall time: <6ns
HCMOS
1MHz - 30MHz
10MHz – 160MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL/HCMOS
“1” level: >+4.3VDC; “0” level: <+0.5VDC
Duty cycle: 45/55
Rise/fall time: <6ns
ACMOS
1MHz - 30MHz
10MHz – 160MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL/ACMOS
“1” level: >+4.3VDC; “0” level: <+0.5VDC
Duty cycle: 45/55
Rise/fall time: <6ns
Sine Wave
8MHz - 30MHz
10MHz - 160MHz
F: Fundamental
O: Overtone
Load: Nominal value 50Ω
Output level: >2dBm
Harmonic Attenuation: >-25dB
Noise Attenuation: >-75dB
Please note that all parameters cannot necessarily be specified in one device.
Customer to specify: Frequency, Output, Voltage, Stability, and Operating Temperature
In line with our ongoing policy of product improvement and evolvement the above specification may be subject to change without notice
IS9001: 2000 Registered
For quotations or further information, please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY UK
http:/www.actcrystals.com
PIN FUNCTION:
PIN1 – GND
PIN2 – Power Supply
PIN3 – Output
PIN4 – Control Voltage
(Unit: mm)
Tel: 0044 (0) 118 979 1238
Fax: 0044 (0) 118 979 1283
Email: info@actcrystals.com
Issue: 4 S8
Date: 14/09/06


Similar Part No. - ACTOCXO38

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTOCXO36 ACT-ACTOCXO36 Datasheet
97Kb / 1P
Voltage Controlled Frequency Adjustment
26/09/06
More results

Similar Description - ACTOCXO38

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTOCXO14 ACT-ACTOCXO14 Datasheet
93Kb / 1P
Voltage Controlled Frequency Adjustment
13/09/06
ACTOCXO20 ACT-ACTOCXO20 Datasheet
96Kb / 1P
Voltage Controlled Frequency Adjustment
14/09/06
ACTOCXO25 ACT-ACTOCXO25 Datasheet
100Kb / 1P
Voltage Controlled Frequency Adjustment
14/09/06
ACTOCXO36 ACT-ACTOCXO36 Datasheet
97Kb / 1P
Voltage Controlled Frequency Adjustment
26/09/06
logo
Vectron International, ...
VS-401 VECTRON-VS-401_12 Datasheet
225Kb / 6P
Voltage Controlled SAW Oscillator High Frequency
logo
Silicon Laboratories
SI516 SILABS-SI516 Datasheet
1Mb / 22P
DUAL FREQUENCY VOLTAGE-CONTROLLED
SI554 SILABS-SI554 Datasheet
132Kb / 15P
QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
SI597 SILABS-SI597 Datasheet
123Kb / 12P
QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
logo
Delta Electronics, Inc.
NE12S10A DELTA-NE12S10A Datasheet
656Kb / 12P
Voltage Margining Adjustment
logo
Pepperl+Fuchs Inc.
KLD0-SAA PF-KLD0-SAA Datasheet
587Kb / 2P
Voltage adjustment module
2021-01-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com