Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4536 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC4536
Description  isc Silicon NPN RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4536 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC4536 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4536 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4536 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Silicon NPN RF Transistor
2SC4536
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
hFE Classification
Class
QR
QS
Marking
QR
QS
hFE
60-120
100-200
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
ICBO
Collector Cutoff Current
VCB= 20V; IE= 0mA
--
--
5.0
μA
IEBO
Emitter Cutoff Current
VEB= 2V; IC= 0mA
--
--
5.0
μA
hFE
DC Current Gain
IC= 50mA ; VCE= 10V
60
--
200
--
S21e︱2 Insertion Power Gain
IC= 50mA ; VCE= 10V;f= 1.0GHz
5.5
7.3
--
dB
NF
Noise Figure
IC= 50mA ; VCE= 10V;f= 500MHz
--
1.5
--
dB
NF
Noise Figure
IC= 50mA ; VCE= 10V;f= 1.0GHz
--
2.0
--
dB
IM2
2nd Intermoduration Distortion
VCE = 10 V, IC = 50 mA, RS = RL = 75Ω,
VO = 105 dBμV/75 Ω, f1 = 190 MHz,
f2 = 90 MHz, f = f1 -f2
--
59
--
dBc
IM3
3rd Intermorduration Distortion
VCE = 10 V, IC = 50 mA, RS = RL = 75Ω,
VO = 105 dBμV/75 Ω, f1 = 190 MHz
f2 = 200 MHz, f = 2 × f1 -f2
--
82
--
dBc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com