Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC828 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC828
Description  isc Silicon NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC828 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC828 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC828 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC828 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Silicon NPN Transistor
2SC828
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
hFE classification
Q
R
S
130-280
180-360
260-520
PACKAGE OUTLINE
DIMENSIONS IN MM
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
BVCBO
Collector-base breakdown voltage
IC=10uA
30
--
V
BVCEO
Collector-emitter breakdown voltage
IC=2mA
25
--
V
BVEBO
Emitter-base breakdown voltage
IE=10uA
7.0
--
V
VBE(on)
Base-emitter on voltage
IC=10mA,VCE=5V
--
0.8
V
hFE*
DC current transfer ratio
VCE=5V,IC=2mA
130
520
--



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com