Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLDVIPL-3 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CTLDVIPL-3
Description  CA DVI-D DL M/M PL ARM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CTLDVIPL-3 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CTLDVIPL-3 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
UL STYLE 20276,
(7) SHIELDED TWISTED PAIR, 28AWG, STRANDED TINNED COPPER,
(1) UNSHIELDED TWISTED PAIR, 28AWG, STRANDED TINNED COPPER,
(3) CONDUCTORS, 28AWG, STRANDED TINNED COPPER,
SHIELDING(BRAIDED): 36AWG TINNED COPPER
SHIELDING: ALUMINUM/POLYESTER
OUTER JACKET: PVC; GRAY COLOR (PANTONE 424C)
(CABLE NOT SHOWN)
2X MOLDED PVC HOOD;
COLOR: BLACK
4X #4-40 UNC-2A
METAL THUMBSCREW
PLASTIC ARMOR,
BLACK
B
"P1"
PIN 1
"P2"
PIN 1
L-COM LOGO
BOTH ENDS
2X MALE DVI-D
DUAL LINK
CONNECTOR
WIRING MAP
PIN 8: NO CONNECTION
"P1"
"P2"
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
3. DUST COVERS INSTALLED FOR SHIPPING (NOT SHOWN).
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
DRAIN
DRAIN
DRAIN
DRAIN
YELLOW
BROWN
BLACK
CABLE DRAIN
ORANGE
WHITE
BLACK
WHITE
RED
ORANGE
BLACK
LIGHT GREEN
BROWN
LIGHT BLUE
WHITE
YELLOW
WHITE
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
S
PURPLE
GRAY
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
S
YELLOW
A
A
VIEW A-A
B
B
P/N
LENGTH
FEET METERS
CTLDVIPL-3
3.0
[.91]
CTLDVIPL-5
5.0
[1.52]
CTLDVIPL-10
10.0
[3.05]
CTLDVIPL-15
15.0
[4.57]
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CTLDVIPL
B
CTLDVIPL.SLDDRW
1
1
R.SCOTT
7/15/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.McNEIL
7/15/11
7/20/11
A
B
INIITIAL RELEASE
ECN8182; UPDT DWG FROM MOLDED THUMBSCREW TO METAL THUMBSCREW 11/28/2015
D.GRIFFIN
B.ZHANG
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA DVI-D DL M/M PL ARM
AUDIO/VIDEO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
REF
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
7/15/11
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - CTLDVIPL-3

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CTLDVIPL-3 L-COM-CTLDVIPL-3 Datasheet
86Kb / 1P
CA DVI-D DL M/M PL ARM
7/15/11
CTLDVIPL-3 L-COM-CTLDVIPL-3 Datasheet
86Kb / 1P
CA DVI-D DL M/M PL ARM
7/15/11
CTLDVIPL-3 L-COM-CTLDVIPL-3 Datasheet
86Kb / 1P
CA DVI-D DL M/M PL ARM
7/15/11
More results

Similar Description - CTLDVIPL-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88768-3620 MOLEX2-88768-3620 Datasheet
549Kb / 8P
HDMI(M) TO DVI-D(M) CABLE ASSY
logo
Winchester Electronics ...
SD125-114-5 WINCHESTER-SD125-114-5 Datasheet
72Kb / 1P
PL TNC M
logo
Tripp Lite. All Rights ...
P560003 TRIPPLITE-P560003 Datasheet
500Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P561050 TRIPPLITE-P561050 Datasheet
499Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P560-020 TRIPPLITE-P560-020 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 20-ft.
P560-030 TRIPPLITE-P560-030 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 30-ft.
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
logo
IOGEAR
GHDDVIC4K3 IOGEAR-GHDDVIC4K3 Datasheet
162Kb / 2P
HDMI (M) to DVI-D (M) Adapter Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com