Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTZTA Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTZTA
Description  Through Hole Resonators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTZTA Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTZTA Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification
Part Type/
Frequency
Test IC
Vdd
Frequency
Stab. over
Aging over
External
Number
Range MHz
accuracy
temp.Range
10 years
Capacitance (pF)
@25°C (%)
(-20 +80°C)(%)
(%)
C1 & C2
ZTA MG
1.80 ~ 8.00
CD4069UBE x 2
+5V
±0.5
±0.3
±0.3
30 (over range)
ZTA MT
8.00 ~ 13.00
CD4069UBE x 2
+5V
±0.5
±0.3
±0.3
30 (over range)
ZTA MX
13.01 ~ 60.00## 74HCU04
x 2
+5V
±0.5
±0.3
±0.3
30 (13.01~20.0MHz )
15 (20.01~25.99MHz)
##Specification for frequencies from 50 to 60MHz may vary from above please enquire.
5 (26.00~60.00MHz##)
Vibration Mode: MG Thickness Shear , MT Thickness Expander, MX Thickness Expander ( Third Overtone)
Type No.
Freq. (MHz)
H
W
D
P
L
A
B
ZTA MG
1.79 ~ 8.00
7.5
10
5
5.0±0.3
5.0±0.1
0.5±0.1
0.3±0.1
ZTA MT
8.00 ~ 13.00
10
10
5
5.0±0.3
5.0±0.1
0.5±0.1
0.3±0.1
ZTA MX
13.01 ~ 23.99
10
10
5
5.0±0.3
5.0±0.1
0.5±0.1
0.3±0.1
24.00 ~ 31.99
7.5
10
5
5.0±0.3
5.0±0.1
0.5±0.1
0.3±0.1
32.00 ~ 60.00
6.5
10
5
5.0±0.3
5.0±0.1
0.5±0.1
0.3±0.1
ACT ZTA Through Hole Resonators
Dimensions mm (max)
The ACT ZTA family of Ceramic Through Hole Resonators offers a cost effective solution for
applications requiring a wide temperature range, together with accuracy.
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Package Type and Size
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Issue : 7 C1r
Date : 07-03-2008
Important note when using Ceramic resonators with microcontrollers
Some resonator parameters vary considerably with frequency and physical construction/size. These differences
are too great to be able to be practically shown in a data sheet.
However, these parameters can be critical when the resonators are used withmicrocontrollers. Even if two
different resonators appear to have the same specification the typical values of these critical parameters can be
considerably different. When enquiring about resonators for use with Imicricontrollers it is important to supply the
make and part number of the IC to be used and/or the list of recommended resonators, if this is given.


Similar Part No. - ACTZTA

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
SMD Resonators
27/03/2008
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
SMD Resonators
28/09/05
ACTZTACS ACT-ACTZTACS Datasheet
151Kb / 2P
SMD Resonators
28/06/06
ACTZTACV ACT-ACTZTACV Datasheet
167Kb / 2P
SMD Resonators
28/09/05
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
SMD Resonators
28/09/05
More results

Similar Description - ACTZTA

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTZTB ACT-ACTZTB Datasheet
67Kb / 1P
Through Hole Resonators
17/08/06
ACTZTT ACT-ACTZTT Datasheet
64Kb / 1P
Through Hole Resonators
07/03/2008
logo
Murata Manufacturing Co...
CSTLS3M60G56-B0 MURATA1-CSTLS3M60G56-B0_V01 Datasheet
256Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS4M00G53Z-A0 MURATA1-CSTLS4M00G53Z-A0 Datasheet
342Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS6M29G56-B0 MURATA1-CSTLS6M29G56-B0_V01 Datasheet
257Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS16M2X51003-B0 MURATA1-CSTLS16M2X51003-B0_V01 Datasheet
230Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS20M0X53Z-B0 MURATA1-CSTLS20M0X53Z-B0_V01 Datasheet
230Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
XRCHA20M000F0A12R0 MURATA1-XRCHA20M000F0A12R0_V01 Datasheet
292Kb / 3P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/16/2023
logo
Transko Electronics, In...
7ZTA TRANSKO-7ZTA Datasheet
402Kb / 1P
CERAMIC THROUGH HOLE RESONATORS - 2PINS
Rev.1: Jul. 2014
8ZTT TRANSKO-8ZTT Datasheet
405Kb / 1P
CERAMIC THROUGH HOLE RESONATORS - 3PINS
Rev.1: Jul. 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com