Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTZTB Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTZTB
Description  Through Hole Resonators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTZTB Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTZTB Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification
Part Type/
Frequency
Frequency
Resonant
Stability over
Aging over
Number
range KHz
accuracy
imp. (W)
temp. range
10 years
@25°C
(-20 +80°C)(%)
(%)
C1
C2
ZTB
190 ~ 249
±1KHz
<20
±0.3
±0.3
330
470
250 ~ 374
±1KHz
<20
±0.3
±0.3
220
470
375 ~ 429
±2KHz
<20
±0.3
±0.3
120
470
430 ~ 509
±2KHz
<20
±0.3
±0.3
100
100
510 ~ 699
±2KHz
<30
±0.3
±0.3
100
100
700 ~ 1000
±0.5%
<70
±0.3
±0.3
100
100
1001 ~ 1250
±0.5%
<100
±0.3
±0.3
100
100
Vibration Mode: Area vibration
Type No.
Freq. (KHz)
H
W
D
P
L
T2/T3
ZTB
190 ~ 249
14.7
13.5
3.8
10.0
8.0
0.9/0.15
250 ~ 374
12.2
11.0
3.8
7.7
7.0
0.9/0.15
375 ~ 410
9.3
7.9
3.6
5.0
7.7
0.9/0.15
411 ~ 699
9.0
7.0
3.5
5.0
4.0~6.0
0.9/0.23
700 ~ 1250
6.3
5.1
2.3
2.5
4.0
0.7/0.23
Tolerance
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.1 / +/-0.05
ISO9001:2000 Registered
Dimensions
mm
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
For quotations or further information please contact us at:
http://www.actcrystals.com
ACT ZTB Through Hole Resonators
The ACT ZTB family of Ceramic Through Hole Resonators offers a cost effective solution for applications
requiring good stability over a wide temperature range, together with accuracy.
Ext. Capacitance
(pF)
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Issue :7 C1r
Date :17/08/06
Important note when using Ceramic resonators with micro controllers
Some resonator parameters vary considerably with frequency and physical construction/size . These
differences are too great to be able to be practically shown in a data sheet.
However these parameters can be critical when the resonators are used with micro controllers. Even if two
different resonators appear to have the same specification the typical values of these critical parameters can be
considerably different. When enquiring about resonators for use with micro controllers it is important to supply
the make and part number of the IC to be used and/or the list of recommended resonators if this is given.


Similar Part No. - ACTZTB

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTZTB-Y ACT-ACTZTB-Y Datasheet
147Kb / 2P
Surface Mount Resonators
17-08-2006
More results

Similar Description - ACTZTB

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTZTA ACT-ACTZTA Datasheet
58Kb / 1P
Through Hole Resonators
07-03-2008
ACTZTT ACT-ACTZTT Datasheet
64Kb / 1P
Through Hole Resonators
07/03/2008
logo
Murata Manufacturing Co...
CSTLS3M60G56-B0 MURATA1-CSTLS3M60G56-B0_V01 Datasheet
256Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS4M00G53Z-A0 MURATA1-CSTLS4M00G53Z-A0 Datasheet
342Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS6M29G56-B0 MURATA1-CSTLS6M29G56-B0_V01 Datasheet
257Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS16M2X51003-B0 MURATA1-CSTLS16M2X51003-B0_V01 Datasheet
230Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
CSTLS20M0X53Z-B0 MURATA1-CSTLS20M0X53Z-B0_V01 Datasheet
230Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
XRCHA20M000F0A12R0 MURATA1-XRCHA20M000F0A12R0_V01 Datasheet
292Kb / 3P
Ceramic Resonators/Crystal Units/MEMS Resonators
01/16/2023
logo
Transko Electronics, In...
7ZTA TRANSKO-7ZTA Datasheet
402Kb / 1P
CERAMIC THROUGH HOLE RESONATORS - 2PINS
Rev.1: Jul. 2014
8ZTT TRANSKO-8ZTT Datasheet
405Kb / 1P
CERAMIC THROUGH HOLE RESONATORS - 3PINS
Rev.1: Jul. 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com