Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9037/902.50/DCC6C Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF9037/902.50/DCC6C
Description  low-loss, wide band SAW filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9037/902.50/DCC6C Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF9037/902.50/DCC6C Datasheet HTML 1Page - Advanced Crystal Technology ACTF9037/902.50/DCC6C Datasheet HTML 2Page - Advanced Crystal Technology ACTF9037/902.50/DCC6C Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
The ACTF9037/902.50/DCC6C is a low-loss, wide band SAW filter in a surface-mount ceramic
DCC6C case for GSM Tx etc.
1. Package Dimension (DCC6C)
2.
3. Matching Circuit
Pin
Configuration
2
Input
5
Output
1,3,4,6
Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
0.6
E
1.1
B
1.5
F
3.0
C
1.5
G
3.0
D
1.8
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF9037/902.50/DCC6C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9037 ACT-ACTF9037 Datasheet
149Kb / 3P
SAW filter
March 2010
ACTF9037-902.50-DCC6C ACT-ACTF9037-902.50-DCC6C Datasheet
149Kb / 3P
SAW filter
March 2010
ACTF9037 ACT-ACTF9037_10 Datasheet
149Kb / 3P
SAW filter
March 2010
More results

Similar Description - ACTF9037/902.50/DCC6C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3553 EPCOS-B3553 Datasheet
69Kb / 6P
SAW Components Low-loss Filter
B3559 EPCOS-B3559 Datasheet
66Kb / 7P
SAW Components Low-loss Filter
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
SAW RF low loss filter
logo
Advanced Crystal Techno...
ACTF9022 ACT-ACTF9022 Datasheet
104Kb / 3P
low-loss, wide band SAW filter
SEPT 04
ACTF00038 ACT-ACTF00038 Datasheet
81Kb / 3P
low-loss, wide band SAW filter
SEPT 04
logo
EPCOS
B5239 EPCOS-B5239 Datasheet
81Kb / 8P
Wide band, low-loss IF filter for LTE
logo
TDK Electronics
B39202B1650B510 TDK-B39202B1650B510 Datasheet
107Kb / 8P
SAW RF low loss filter
B39122B1614U810 TDK-B39122B1614U810 Datasheet
79Kb / 6P
SAW Components Low-Loss Filter
logo
Murata Manufacturing Co...
SF2133E MURATA-SF2133E Datasheet
336Kb / 5P
Low Loss SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com