Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO60120 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60120
Description  5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60120 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60120 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DIO60120
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
9
9. Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
Figure 17. Typical application
The DIO60120 is a synchronous buck regulator IC that integrates the adaptive constant-on-time (COT) control,
and top and bottom switches on the same die to minimize the switching transition loss and conduction loss. With
ultra-low RDS(ON) power switches and proprietary COT control, this regulator IC can achieve the highest efficiency
and the highest switch frequency simultaneously to minimize the external inductor and capacitor size, thus
achieving the minimum solution footprint. Under PWM mode, the converter operates with a typical 1 MHz
switching frequency to minimize the size of the inductor and capacitor. As the load current decreases, the
converter enters PSM (Power Save Mode), reducing the switching frequency to keep high efficiency over the
entire load current range.
Under Auto Mode, the DIO60120 enters PWM mode for medium to heavy load conditions or enters PSM (Power
Save Mode) for a light load.
Because of the high integration in the DIO60120 IC, the application circuit based on this regulator IC is rather
simple. Only the input capacitor, CIN, output capacitor, COUT, output inductor, L1, feedback capacitor, C1, and
feedback resistors (R1 and R2) need to be selected for the targeted application specifications.
9.1. Enable
When disabled, the device shutdown supply current is only 0.1 μA. When applying a voltage greater than the EN
logic high threshold, the DIO60120 enables all functions and the device initiates the soft-start phase. The
DIO60120 has a built-in 0.55 ms soft-start time to prevent output voltage overshoot and inrush current. When
the EN voltage falls below its logic low threshold, the device operation is disabled and the 1 kΩ active discharge
is enabled to discharge the output voltage to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com