Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4818 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF4818
Description  one channel IF filter for receivers of satellite broadcasting system.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4818 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF4818 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4818 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4818 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4818 Datasheet HTML 4Page - Advanced Crystal Technology ACTF4818 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
5.Performance
5-1.Maximum Ratings (Ta=25
°C)
Item
Conditions
Rating
Unit
DC Voltage
Between input or output
0
V
Instantaneous DC Voltage
Between any two electrodes
3
V
AC Voltage
50/60 Hz, Between input or output
3
Vp-p
Storage temperature range
Tstg
—
-55 to +85
°C
Tstg
Operating temperature range
Topr
—
-20 to +70
°C
Topr
5-2.Electronic Characteristics
Reference temperature:
TA = 25 °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
Item
Min.
Typ.
Max.
Unit
Centre Frequency
fc
--
479.50
--
MHz
Insertion attenuation
479.50 MHz
α
(Reference level for the following data)
--
23.3
25.3
dB
Pass bandwidth
αrel≤3dB
B3dB
--
16.5
--
MHz
Relative attenuation
αrel
463.50 MHz
470.50 MHz
488.50 MHz
495.50 MHz
--
-4.5
-9.0
--
-46
-2.5
-5.9
-42
-30
--
--
-30
dB
dB
dB
dB
Amplitude ripple (p-p)
474.50 … 484.50 MHz
Δ α
--
0.5
1.0
dB
Group delay ripple (p-p)
474.50 … 484.50 MHz
Δ
τ
--
12
25
ns(p-p)
Temperature coefficient of frequency
TCf
--
-18
-25
ppm/K
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com