Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57002-E Datasheet(PDF) 14 Page - STMicroelectronics

Part # PD57002-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002-E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PD57002-E Datasheet HTML 10Page - STMicroelectronics PD57002-E Datasheet HTML 11Page - STMicroelectronics PD57002-E Datasheet HTML 12Page - STMicroelectronics PD57002-E Datasheet HTML 13Page - STMicroelectronics PD57002-E Datasheet HTML 14Page - STMicroelectronics PD57002-E Datasheet HTML 15Page - STMicroelectronics PD57002-E Datasheet HTML 16Page - STMicroelectronics PD57002-E Datasheet HTML 17Page - STMicroelectronics PD57002-E Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Common source s-parameter
PD57002-E, PD57002S-E
14/23
5.5
PD57002S (VDS = 28V IDS = 75mA)
Table 10.
S-parameter
FREQ
IS11IIS21IIS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.993
-16
9.99
166
0.007
77
0.929
-12
100
0.987
-31
9.60
153
0.013
64
0.916
-24
150
0.979
-46
9.03
141
0.018
53
0.911
-36
200
0.961
-59
8.36
130
0.022
42
0.889
-46
250
0.950
-71
7.66
119
0.025
32
0.883
-56
300
0.933
-80
6.95
111
0.027
24
0.864
-64
350
0.928
-89
6.39
102
0.029
17
0.860
-71
400
0.924
-97
5.84
94
0.030
8
0.866
-79
450
0.922
-103
5.36
87
0.029
2
0.862
-85
500
0.924
-110
4.90
80
0.030
-2
0.872
-90
550
0.922
-115
4.48
74
0.030
-9
0.877
-96
600
0.923
-120
4.12
69
0.030
-14
0.877
-101
650
0.922
-125
3.78
63
0.029
-19
0.890
-105
700
0.923
-128
3.51
58
0.028
-24
0.892
-110
750
0.925
-132
3.26
54
0.027
-27
0.893
-113
800
0.925
-135
3.04
49
0.026
-31
0.900
-117
850
0.931
-138
2.85
45
0.027
-35
0.907
-120
900
0.933
-141
2.66
41
0.026
-38
0.912
-123
950
0.934
-144
2.49
37
0.024
-41
0.914
-125
1000
0.936
-147
2.35
33
0.023
-45
0.918
-128
1050
0.937
-149
2.21
30
0.023
-47
0.927
-130
1100
0.938
-151
2.10
26
0.022
-50
0.929
-133
1150
0.936
-154
1.99
23
0.022
-53
0.935
-135
1200
0.936
-156
1.91
20
0.021
-56
0.941
-137
1250
0.934
-158
1.81
17
0.020
-60
0.945
-139
1300
0.933
-160
1.75
14
0.019
-65
0.945
-140
1350
0.930
-162
1.67
10
0.018
-67
0.940
-142
1400
0.920
-164
1.58
8
0.018
-69
0.938
-143
1450
0.916
-166
1.51
5
0.017
-78
0.935
-144
1500
0.907
-167
1.43
3
0.017
-88
0.932
-145
S11
∠Φ
S21
∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com