Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57002S-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD57002S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002S-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD57002S-E Datasheet HTML 9Page - STMicroelectronics PD57002S-E Datasheet HTML 10Page - STMicroelectronics PD57002S-E Datasheet HTML 11Page - STMicroelectronics PD57002S-E Datasheet HTML 12Page - STMicroelectronics PD57002S-E Datasheet HTML 13Page - STMicroelectronics PD57002S-E Datasheet HTML 14Page - STMicroelectronics PD57002S-E Datasheet HTML 15Page - STMicroelectronics PD57002S-E Datasheet HTML 16Page - STMicroelectronics PD57002S-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PD57002-E, PD57002S-E
Common source s-parameter
13/23
5.4
PD57002 (VDS = 13.5V IDS = 150mA)
Table 9.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.986
-18
11.58
165
0.009
75
0.964
-14
100
0.972
-34
11.04
151
0.017
62
0.940
-28
150
0.955
-50
10.25
138
0.024
49
0.931
-41
200
0.934
-63
9.35
126
0.029
38
0.891
-52
250
0.921
-75
8.48
115
0.032
28
0.883
-62
300
0.909
-85
7.59
106
0.034
19
0.856
-71
350
0.897
-94
6.93
98
0.036
12
0.841
-78
400
0.895
-102
6.27
90
0.037
4
0.847
-86
450
0.892
-109
5.76
83
0.037
-2
0.840
-91
500
0.889
-115
5.23
76
0.037
-7
0.852
-97
550
0.889
-121
4.75
70
0.037
-13
0.852
-103
600
0.886
-125
4.37
65
0.037
-19
0.853
-107
650
0.891
-130
4.00
59
0.036
-23
0.863
-111
700
0.892
-134
3.72
55
0.035
-29
0.871
-116
750
0.895
-137
3.45
50
0.034
-32
0.878
-119
800
0.897
-141
3.23
46
0.033
-36
0.885
-123
850
0.898
-144
3.02
41
0.032
-40
0.897
-126
900
0.898
-147
2.84
37
0.031
-43
0.895
-129
950
0.902
-149
2.66
33
0.029
-47
0.896
-132
1000
0.90058
-152
2.50
29
0.028
-49
0.904
-134
1050
0.897
-155
2.36
26
0.028
-53
0.906
-137
1100
0.900
-157
2.24
22
0.027
-56
0.909
-140
1150
0.898
-159
2.13
19
0.026
-59
0.912
-142
1200
0.901
-162
2.03
15
0.025
-63
0.910
-144
1250
0.898
-164
1.92
12
0.024
-65
0.913
-147
1300
0.897
-166
1.84
8
0.023
-71
0.912
-149
1350
0.897
-167
1.75
5
0.022
-74
0.909
-150
1400
0.896
-170
1.67
2
0.021
-76
0.912
-152
1450
0.895
-171
1.58
-1
0.021
-85
0.905
-153
1500
0.888
-173
1.50
-2
0.020
-97
0.900
-154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com