Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTK6046D Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTK6046D
Description  IF Filter for Video Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTK6046D Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTK6046D Datasheet HTML 1Page - Advanced Crystal Technology ACTK6046D Datasheet HTML 2Page - Advanced Crystal Technology ACTK6046D Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel : +44 118 979 1238
Fax : +44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Electronic Characteristics
Reference temperature:
TA = 25 °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
Item
min.
typ.
max.
Unit
Insertion attenuation
IL
Reference level for
the following data
37.40
MHz
12.0
13.5
15.0
dB
Relative attenuation
α
rel
Picture carrier
38.90
MHz
3.5
4.5
5.5
dB
33.90
MHz
5.8
7.0
8.2
dB
Colour carrier
34.47
MHz
—
1.3
—
dB
Sound carrier
33.40
MHz
20.0
25.0
—
dB
32.90
MHz
—
43.0
—
dB
32.40
MHz
—
58.0
—
dB
Adjacent picture carrier
30.90
MHz
48.0
65.0
—
dB
31.90
MHz
42.0
52.0
—
dB
40.15
MHz
30.0
34.0
—
dB
Adjacent sound carrier
40.40
MHz
35.0
43.0
—
dB
41.40
MHz
45.0
60.0
—
dB
40.90
MHz
40.0
52.0
—
dB
Lower sidelobe
25.00 ... 31.90
MHz
35.0
42.0
—
dB
Upper sidelobe
40.40 ... 45.00
MHz
32.0
40.0
—
dB
Reflected wave signal suppression
1.2
μs ... 6.0 μs after main pulse
(test pulse 250 ns,
carrier frequency 37.40 MHz)
42.0
50.0
—
dB
Feed-through signal suppression
1.2
μs ... 1.1 μs before main pulse
(test pulse 250 ns,
carrier frequency 37.40 MHz)
50.0
56.0
—
dB
Group delay ripple (p-p)
Δ
τ
—
50
—
ns
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com