Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1113 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1113 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS1113 Datasheet HTML 10Page - ams-OSRAM AG AS1113 Datasheet HTML 11Page - ams-OSRAM AG AS1113 Datasheet HTML 12Page - ams-OSRAM AG AS1113 Datasheet HTML 13Page - ams-OSRAM AG AS1113 Datasheet HTML 14Page - ams-OSRAM AG AS1113 Datasheet HTML 15Page - ams-OSRAM AG AS1113 Datasheet HTML 16Page - ams-OSRAM AG AS1113 Datasheet HTML 17Page - ams-OSRAM AG AS1113 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1113
Revision 1.04
12 - 24
AS1113
Datasheet - D e t a i l e d D e s c r i p t i o n
If there are multiple AS1113s in a chain, the error flag will be gated through all devices. To get a valid result at the end
of the chain, a logic 1 must be applied to the SDI input of the first device of the chain. If one device produces an error
this error will show up after n*tP(I/O) + tSW(ERROR) at pin SDO of the last device in the chain. This means it is not possi-
ble to identify which device in the chain produced the error. Therefore, if a global error occurs, the detailed error report
can be run to identify which AS1113, or LED produced the error.
Note: When no error has occurred, the detailed error report can be skipped, setting LD and subsequently OEN low.
Error Detection Functions
Open-LED Detection
The AS1113 open-LED detection is based on the comparison between VDS and VTHL. The open LED status is aquired
at the rising edge of OEN and stored internally. While detecting open-LEDs the output port must be turned on. Open
LED detection can be started with 1 clock pulse during error detection mode while the output port is turned on.
Note: LEDs which are turned off at test time cannot be tested and will be shown as a logic 1 in the detailed error
report.
Shorted-LED
The AS1113 shorted-LED detection is based on the comparison between VDS and VTHH. The shortened LED status is
aquired at the rising edge of OEN and stored internally. While detecting shorted-LEDs the output port must be turned
on. Shorted-LED detection can be started with 2 clock pulses during error detection mode while the output port is
turned on.
For valid results, the voltage at OUTN0:OUTN15 must be lower then VTHH under low-current diagnostic mode operat-
ing conditions. This can be achieved by reducing the VLED voltage or by adding additional diodes, resistors or LED’s.
Note: LEDs which are turned off at test time cannot be tested and will be shown as a logic 1 in the detailed error
report.
Overtemperature
Thermal protection for the AS1113 is provided by continuously monitoring the device’s core temperature. The overtem-
perature status is aquired at the rising edge of OEN and stored internally.
Table 6. Open LED Detection Modes
Output Port State
Effective Output
Point Conditions
Detected Open-LED
Error Status Code
Meaning
On
VDS < VTHL
0
Open Circuit
On
VDS > VTHL
1
Normal
Table 7. Shorted LED Detection Modes
Output Port State
Effective Output
Point Conditions
Detected Shorted-LED
Error Status Code
Meaning
On
VDS > VTHH
0
Short Circuit
On
VDS < VTHH
1
Normal
Table 8. Overtemperature Modes
Output Port State
Effective Output
Point Conditions
Detected Overtemperature
Status Code
Meaning
Don’t Care
Temperature > TOV1
0
Overtemperature
Condition
Don’t Care
Temperature < TOV1
1
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com