Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1710 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS1710
Description  High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1710 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS1710 Datasheet HTML 13Page - ams-OSRAM AG AS1710 Datasheet HTML 14Page - ams-OSRAM AG AS1710 Datasheet HTML 15Page - ams-OSRAM AG AS1710 Datasheet HTML 16Page - ams-OSRAM AG AS1710 Datasheet HTML 17Page - ams-OSRAM AG AS1710 Datasheet HTML 18Page - ams-OSRAM AG AS1710 Datasheet HTML 19Page - ams-OSRAM AG AS1710 Datasheet HTML 20Page - ams-OSRAM AG AS1710 Datasheet HTML 21Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1710_12
Revision 1.9
15 - 19
AS1710/AS1712
Datasheet - Pack a ge Drawin gs and Ma r k ings
Figure 28. SC70-6 Package
Symbol
Min
Nom
Max
A-
-
1.10
A1
-
-
0.10
A2
0.70
0.90
1.00
b
0.15
-
0.30
c
0.08
-
0.22
D
2.00 BSC
E
2.10 BSC
E1
1.25 BSC
e
0.65 BSC
e1
1.30 BSC
L
0.260.360.46
L1
0.42 REF
L2
0.15 BSC
R0.10
-
-
R1
0.10
-
0.25
0º
4º
8º
1
4º
-
12º
aaa
-
0.15
-
bbb
-
0.30
-
ccc
-
0.10
-
ddd
-
0.10
-
N6
Notes:
1. Dimensions and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Datums A and B to be determined at datum H.
AAA
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com