Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263-BLGT Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS7263-BLGT
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7263-BLGT Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS7263-BLGT Datasheet HTML 14Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 15Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 16Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 17Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 18Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 19Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 20Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 21Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Datasheet, Public
Page 17
[v4-00] 2022-Nov-30
Document Feedback
AS7263 − Detailed Description
Interrupt Operation
If BANK is set to Mode 0 or Mode 1 then the data is ready after
the 1st integration time. If BANK is set to Mode 2 or Mode 3 then
the data is ready after two integration times. If the interrupt is
enabled (INT = 1) then when the data is ready, the INT line is
pulled low and DATA_RDY is set to 1. The INT line is released
(returns high) when the control register is read. DATA_RDY is
cleared to 0 when any of the sensor registers R, S, T, U, V, W are
read. Since each sensor value is 2 bytes, after the 1st byte is read
the 2nd byte is shadow-protected in case an integration cycle
completes just after the 1st byte is read.
In continuous spectral conversion mode (BANK setting of Mode
0, Mode 1, or Mode 2), the sensors continue to gather informa-
tion at the rate of the integration time, hence if the sensor reg-
isters are not read when the interrupt line goes low, it will stay
low and the next cycle’s sensor data will be available in the
registers at the end of the next integration cycle. When the con-
trol register BANK bits are written with a value of Mode 3,
One-Shot Spectral Conversion mode is entered. When a single
set of contemporaneous sensor readings is desired, writing
BANK Mode 3 to the control register immediately triggers ex-
actly two spectral data conversion cycles. At the end of these
two conversion cycles, the DATA_RDY bit is set as for the other
BANK modes. To perform a new One-Shot sequence, the control
register BANK bits should be written with a value of Mode 3
again. This process may continue until the user writes a different
value into the BANK bits.
I²C Slave Interface
If selected by the I2C_ENB pin setting, interface and control can
be accomplished through an I²C compatible slave interface to
a set of registers that provide access to device control functions
and output data. These registers on the AS7263 are, in reality,
implemented as virtual registers in software. The actual I²C slave
hardware registers number only three and are described in the
table below. The steps necessary to access the virtual registers
defined in the following are explained in pseudocode for exter-
nal I²C master writes and reads below.
I²C Feature List
• Fast mode (400kHz) and standard mode (100kHz) support.
• 7+1-bit addressing mode.
• Write format: Byte.
• Read format: Byte.
• SDA input delay and SCL spike filtering by integrated
RC-components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com