Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N-BLGT Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS7264N-BLGT
Description  XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7264N-BLGT Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS7264N-BLGT Datasheet HTML 9Page - ams-OSRAM AG AS7264N-BLGT Datasheet HTML 10Page - ams-OSRAM AG AS7264N-BLGT Datasheet HTML 11Page - ams-OSRAM AG AS7264N-BLGT Datasheet HTML 12Page - ams-OSRAM AG AS7264N-BLGT Datasheet HTML 13Page - ams-OSRAM AG AS7264N-BLGT Datasheet HTML 14Page - ams-OSRAM AG AS7264N-BLGT Datasheet HTML 15Page - ams-OSRAM AG AS7264N-BLGT Datasheet HTML 16Page - ams-OSRAM AG AS7264N-BLGT Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-00] 2017-Oct-05
AS7264N − Detailed Descriptions
Data Conversion
AS7264N spectral conversion is implemented via two
photodiode banks. The first bank provides data from the X, Y, Z
and NIR (near-IR) photodiodes. The second bank provides data
from the same X and Y photodiodes as well as blue 440nm and
blue 490nm photodiodes.
The spectral conversion process is controlled with two BANK
Mode settings. Bank Mode 0 uses I²C registers for X, Y,B440 and
B490 data. Bank Mode 1 uses I²C registers for X, Y, Z and NIR
data. Sensor data is available in four I²C registers
(NDATAL/NDATAH, XDATAL/XDATAH, YDATAL/YDATAH and
ZDATAL/ZDATAH) as shown in the figures below.
Figure 13:
Bank Modes
Figure 14:
AS7264N Sensor Data I²C Registers
I²C Register
Bank Mode 0
Bank Mode 1
NDATAL/NDATAH
B490
NIR
XDATAL/XDATAH
X
X
YDATAL/YDATAH
Y
Y
ZDATAL/ZDATAH
B440
Z
X
Y
B440
Z
B490
NIR
Photo Diode Array
BANK Mode 0
One Conversion
X, Y, B440
and B490
Integration Time
X, Y, Z and NIR
One Conversion
BANK Mode 1
Integration Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com