Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDB Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # DDB
Description  Dust resistant plug that can be pierced with round cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

DDB Datasheet(HTML) 1 Page - KITAGAWA GmbH

  DDB Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
R
〈
〉
A
A
R
B
(D)
E
❶
❷
❸
(Unit:mm)
Part No.
Std. Package
Panel thickness
(D)
A
Applicable wire(dimensions)
YK-1
YK-2
YKA-1
YKL-1
NNFF0.75mm2(3.3×6.6)
NNFF1.25mm2(3.6×7.2)
Vinyl wire 0.75mm2(2.8×5.6)
VCTFK0.75mm2(4.5×6.2)
VCTFK1.25mm2(5.4×8)
NNFF0.75mm2(3.3×6.6)
NNFF1.25mm2(3.6×7.2)
14.4 
14.8 
φ10.9±0.1
14.0
14.5
12.7
13.2
7.2
-
7.2
7.25
6.6
〈
R
Mounting hole specifications
12.0 
9.5
13.4〈10.9〉
13.3〈10.9〉
11.1
2.0
2.4
2.3〈1.2〉
2.0 
40.0
23.0
56.0
20.4
(E)
30.8
14.0
30.0
10.4(E´=32.8)
100
pcs.
500
pcs.
500
pcs.
+0.05
-0.1
+0.1
 
0
+0.2
 
0
+0.1
 
0
+0.1
 
0
+0.1
 
0
※
〈 〉
※
※
How to install
●
●
(
:
※
)
①
②
③
④
Push into a panel
Make a hole with
a pointed tool
Insert a cable
Cable and panel
are held tightly
(Unit:mm)
φA
Soft component
Hard component
φB
Part No.
C
D
DDB-1216
DDB-1520
DDB-2428
φA
26.5
30.0
38.0
φB
15
19
27
9.2
9.0
9.2
11.6
12.4
11.8
Applicable wire
Std. Package
Mounting hole size
φ16
φ20
φ28
Panel thickness
1.0~3.2
φ3~6
φ3~9
φ3~16
100 pcs.
+0.2
0
+0.2
0
+0.2
0
DUST PROOF BUSHING / DDB
Features
● Consists of soft and hard components for tight hold
and secure fixation.
● Can be used as a blind bushing.
Material
● Soft component : Polyurethane Elastomer(Color:Gray)
● Hard component : Polyurethane Resin(Color:Gray)
Round hole
Insertion Mounting
Dust resistant plug that can be pierced with round cables
102


Similar Part No. - DDB

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDB DOMINANT-DDB Datasheet
806Kb / 15P
LED InGaN
DDB-CJS-P1 DOMINANT-DDB-CJS-P1 Datasheet
806Kb / 15P
LED InGaN
DDB-CJS-P2 DOMINANT-DDB-CJS-P2 Datasheet
806Kb / 15P
LED InGaN
DDB-CJS-PQ2-1 DOMINANT-DDB-CJS-PQ2-1 Datasheet
806Kb / 15P
LED InGaN
DDB-CJS-Q1 DOMINANT-DDB-CJS-Q1 Datasheet
806Kb / 15P
LED InGaN
More results

Similar Description - DDB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SB5M ETC-EE-SB5M Datasheet
219Kb / 6P
Photomicrosensor with 80-mA Switching Capacity that can be Built into Equipment
logo
Omron Electronics LLC
XS3 OMRON-XS3 Datasheet
1Mb / 14P
Round Water-resistant Connectors (M8)
XS5 OMRON-XS5 Datasheet
2Mb / 18P
Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
Round Water-resistant Connectors (M12)
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
Round Water-resistant Connectors (M12)
logo
STMicroelectronics
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
Modern motion control applications need more flexibility that can be addressed
22-Jul-2009
logo
Cynergy3 Co
M12 CYNERGY3-M12 Datasheet
65Kb / 1P
Cables for sensors with M12 round connection
logo
Zilog, Inc.
Z51F6412 ZILOG-Z51F6412 Datasheet
1Mb / 54P
Power supply level that can be adjusted with potentiometer R20
logo
PHOENIX CONTACT
UMK22REL24 PHOENIX-UMK22REL24 Datasheet
50Kb / 3P
Relay base family that can be fitted with 2 PDT relay
logo
VIGO Photonics S.A.
FIP VIGO-FIP Datasheet
748Kb / 2P
Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com