Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-13 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # KB-13
Description  Adjustable band that can be cut to a desired length
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

KB-13 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  KB-13 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
88
BUNDLE BAND / KB
Features
● Can be cut to required length out of a rolled band. Economical and minimizes waste.
● Available in four band widths, as well as four kinds of mounting accessories.
Material
● Nylon 6※(Color:Black)
KB-07 ∼16
Stopper and Mounts for KB
■ Snap button (Stopper) / For KB-07・KB-13
■ Mount A / For KB-07・KB-13
Std. Package :100pcs.
Std. Package :100pcs.
Easy and fast mount/dismounting. One end of the band is fixed on the
button, and a wire/cable bundle is secured by snapping the hole into the
button.
Secures bundled wires/cables on a panel or wall.
※Dimension A
※Dimension B
KB-07 8.5 ㎜
KB-07 φ4.2 ㎜
KB-13 16 ㎜
KB-13 φ5.2 ㎜
※ Mount B is made of PP (Color: Black).
T
E
φ
H
※A
※B
(Unit:mm)
Part No.
Stopper and Mount
Std. Package
KB-07 / Black
W
7.1
T
0.9
φH
3.2
E
6.0
Snap button,Mount A
Snap button,Mount A
Buckle
KB-13 / Black
KB-16 / Black
13.0 1.6
5.5
10.0
16.0 1.9
6.5
12.5
2m×50
pcs.
5m×10
pcs.
Adjustable band that can be cut to a desired length


Similar Part No. - KB-13

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KB-133 SOCAY-KB-133 Datasheet
189Kb / 4P
Radial Lead Transient Voltage Suppressors
KB-133 SOCAY-KB-133 Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - KB-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
PIT66U ETC-PIT66U Datasheet
452Kb / 1P
Fibers can be free cut using fiber cutter
logo
Laird Tech Smart Techno...
SQ2405DD12NF LSTD-SQ2405DD12NF Datasheet
746Kb / 1P
Coax pigtail length can be modified
SL24513P12SMF LSTD-SL24513P12SMF Datasheet
777Kb / 2P
Coax pigtail length can be modified
SL1852P12NF LSTD-SL1852P12NF Datasheet
882Kb / 1P
Coax pigtail length can be modified
logo
Zilog, Inc.
Z51F6412 ZILOG-Z51F6412 Datasheet
1Mb / 54P
Power supply level that can be adjusted with potentiometer R20
logo
Aries Electronics, Inc.
655000 ARIES-655000 Datasheet
746Kb / 1P
Designed to allow user to cut 32-position adapter down to any size desired
logo
PHOENIX CONTACT
2316213 PHOENIX-2316213 Datasheet
70Kb / 3P
Each housing has M20 ports and can be configured as desired
logo
List of Unclassifed Man...
125295 ETC-125295 Datasheet
1Mb / 12P
Thermal Extrusions Cut to Length
logo
VIGO Photonics S.A.
FIP VIGO-FIP Datasheet
748Kb / 2P
Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com