Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLA30E1200PC Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # CLA30E1200PC
Description  isc Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CLA30E1200PC Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  CLA30E1200PC Datasheet HTML 1Page - Inchange Semiconductor Company Limited CLA30E1200PC Datasheet HTML 2Page - Inchange Semiconductor Company Limited CLA30E1200PC Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc
Thyristor
CLA30E1200PC
www.iscsemi.com
1
FEATURES
·
High Efficiency Thyristor
·
Thyristor for line frequency
·
Planar passivated chip
APPLICATIONS
·
DC Motor control
·
Power converter
·
AC power control
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive peak off-state voltage
1200
V
VRRM
Repetitive peak off-state voltage
1200
V
ITAV
average forward current,TC=115℃,TVJ=150℃
30
A
IT(RMS)
RMS forward current,180°sine
47
A
ITSM
max. forward surge current
10ms,50Hz,sine,TVJ=45℃
300
A
10ms,50Hz,sine,TVJ=150℃
255
A
I2t
I2t value for fusing
10ms,50Hz,sine,TVJ=45℃
450
A2S
10ms,50Hz,sine,TVJ=150℃
325
A2S
Ptot)
total power dissipation
250
W
Tvj
virtual junction temperature
-40~150
℃
Tstg
Storage temperature
-40~150
℃
(dV/dt)cr critical rate of rise of voltage,V=2/3VDRM,RGK=
∞
,TVJ=150℃
method 1 (linear voltage rise)
500
V/us
(di/dt)cr
critical rate of rise of current,
TVJ=150℃,f=50Hz,tp=200us,diG/dt=0.3A/us,IG=0.3A,V=2/3VDRM,
nono-repetitive IT=30A
500
A/us
RθJC
Thermal Resistance, Junction−to−Case
0.5
℃
/W


Similar Part No. - CLA30E1200PC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CLA30E1200PC IXYS-CLA30E1200PC Datasheet
175Kb / 5P
High Efficiency Thyristor
More results

Similar Description - CLA30E1200PC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
logo
Inchange Semiconductor ...
CR12PM-12B-IST4003 ISC-CR12PM-12B-IST4003 Datasheet
297Kb / 2P
ISC Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com