Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSTF30100S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # DSTF30100S
Description  Schottky Barrier Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DSTF30100S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  DSTF30100S Datasheet HTML 1Page - Inchange Semiconductor Company Limited DSTF30100S Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Rectifier Diode
DSTF30100S
www.iscsemi.com
1
FEATURES
· High frequency operation
· Ultra low forward voltage drop
· High junction temperature capability
APPLICATIONS
· DC-DC converters
· Switching mode power supply
· Polarity Protection Diodes
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
max. repetitive reverse blocking voltage
100
V
IF(AV)
Average Forward Current (per device)
50% duty cycle @TC =70°C rectangular wave form
30
A
IFSM
Peak One Cycle Non-Repetitive Surge Current (per leg)
8.3 ms, half Sine pulse
300
A
TJ
junction temperature
150
℃
Tstg
storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance Junction to Case (per leg)
DC operation
4.0
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward Voltage Drop (per leg) IF= 30A
--
--
0.9
V
IR
Reverse Current (per leg)
Rate DC Voltage
--
--
1.0
uA


Similar Part No. - DSTF30100S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DSTF30100S LITTELFUSE-DSTF30100S Datasheet
642Kb / 3P
High frequency operation
More results

Similar Description - DSTF30100S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ERB84-009 EIC-ERB84-009 Datasheet
41Kb / 2P
SCHOTTKY-BARRIER RECTIFIER DIODE
ERC81-004 EIC-ERC81-004 Datasheet
35Kb / 2P
SCHOTTKY-BARRIER RECTIFIER DIODE
MBR1660CT EIC-MBR1660CT Datasheet
39Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
logo
Naina Semiconductor ltd...
1N5831 NAINA-1N5831_1 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
1N6391 NAINA-1N6391_1 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
SD41 NAINA-SD41_1 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERA83-004 EIC-ERA83-004_11 Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
ERA83-006 EIC-ERA83-006_11 Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
SD3030MR EIC-SD3030MR Datasheet
132Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
logo
AVX Corporation
SD3220S020S3R0 AVX-SD3220S020S3R0_17 Datasheet
478Kb / 7P
Schottky Barrier Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com