Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT417 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # FMMT417
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FMMT417 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  FMMT417 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FMMT417 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FMMT417 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN Power Transistor
FMMT417
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
180
--
V
V(BR)CEO
Collector-Emitter Sustaining Voltage
IC= 1.0mA; IB= 0
100
--
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 100uA; IC= 0
6
--
V
ICBO
Collector-Base Cutoff Current
VCB= 180V; IE=0
--
100
nA
IEBO
Emitter Cutoff Current
VEB= 4V; IC= 0
--
100
uA
hFE
DC Current Gain
IC= 10mA ; VCE= 10V
25
--
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 10mA; IB= 1mA
--
0.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 10mA; IB= 1mA
--
0.9
V
PAKAGE OUTLINE (UNIT: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com