Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO70040HFSO8 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70040HFSO8
Description  5.5 V Low Loss Power Distribution Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70040HFSO8 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO70040HFSO8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO70040HFSO8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO70040HFSO8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO70040HFSO8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO70040HFSO8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO70040HFSO8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO70040HFSO8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO70040HFSO8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO70040HFSO8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DIO70040
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
9
9.5. Thermal protection
Thermal protection prevents damage to the IC when heavy overload or short circuit conditions are present for
extended periods of time. The conditions force the DIO70040 into constant current mode, and under short circuit
conditions, the voltage across the switch is equal to the input voltage. The increased dissipation causes the
junction temperature to rise to high levels. The protection circuit senses the junction temperature of the switch
and shuts it off. Hysteresis is built into the thermal sense circuit, and after the device has cooled approximately
20 degrees, the switch turns back on. The switch continues to cycle in this way until the overload or input power
is removed.
9.6. Reverse-voltage protection
The reverse-voltage protection feature turns off the P-channel MOSFET whenever the output voltage exceeds
the input voltage by 175 mV (typ). A reverse current of (VOUT - VIN) / RDS(ON) will be present when this occurs. This
prevents damage to devices on the input side of the DIO70040 by preventing significant current from sinking into
the input capacitance. The DIO70040 devices allow the P-channel MOSFET to turn on once the output voltage
goes bellow the input voltage.
9.7. FLG output
Error flag is an open-drain output of a N-channel MOSFET. If current limiting or short circuit occurs, FLG is
pulled low after a delay of 8 ms (typ), and if no current limiting or short circuit occurs, FLG is pulled high after a
delay of 8 ms (typ). If reverse-voltage protection occurs, FLG is pulled low after a delay of 4 ms (typ), and if no
reverse-voltage protection occurs, FLG is pulled high after a delay of 4 ms (typ). If overtemperature protection
occurs, FLG is pulled low immediately, and if no overtemperature protection occurs, FLG is pulled high after
a delay of 8 ms (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com